Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F27156-000 Datasheet(PDF) 6 Page - Tyco Electronics

Part # F27156-000
Description  RAYCHEM Tubing Products
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

F27156-000 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button F27156-000 Datasheet HTML 2Page - Tyco Electronics F27156-000 Datasheet HTML 3Page - Tyco Electronics F27156-000 Datasheet HTML 4Page - Tyco Electronics F27156-000 Datasheet HTML 5Page - Tyco Electronics F27156-000 Datasheet HTML 6Page - Tyco Electronics F27156-000 Datasheet HTML 7Page - Tyco Electronics F27156-000 Datasheet HTML 8Page - Tyco Electronics F27156-000 Datasheet HTML 9Page - Tyco Electronics F27156-000 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
1-114
RAYCHEM Tubing Products
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
SFR (Continued)
Product Dimensions
Ordering Information
Inside Diameter
Recovered Wall Thickness**
Size
Minimum Expanded
Maximum Recovered
After Heating
as Supplied
After Heating
1/4
6.4 [0.250]
3.6 [0.143]
0.88 ± 0.25 [0.035 ± 0.010]
3/8
9.5 [0.375]
5.4 [0.214]
1.02 ± 0.25 [0.040 ± 0.010]
1/2
12.7 [0.500]
7.3 [0.286]
1.21 ± 0.38 [0.048 ± 0.015]
5/8
15.9 [0.625]
9.1 [0.357]
1.32 ± 0.38 [0.052 ± 0.015]
3/4
19.1 [0.750]
10.9 [0.428]
1.44 ± 0.38 [0.057 ± 0.015]
7/8
22.2 [0.875]
12.7 [0.500]
1.65 ± 0.38 [0.065 ± 0.015]
1
25.4 [1.000]
14.5 [0.570]
1.77 ± 0.51 [0.070 ± 0.020]
1 1/4
31.8 [1.250]
18.1 [0.714]
2.21 ± 0.51 [0.087 ± 0.020]
1 1/2
38.1 [1.500]
21.8 [0.857]
2.41 ± 0.51 [0.095 ± 0.020]
1 3/4
44.5 [1.750]
25.4 [1.000]
2.71 ± 0.51 [0.107 ± 0.020]
2
50.8 [2.000]
29.0 [1.140]
2.79 ± 0.51 [0.110 ± 0.020]
**Wall thickness will be less if tubing recovery is restricted during shrinkage.
Color
Standard
Black (-0)
Size selection
Always order the largest size that will shrink snugly over the component to be covered.
Special order sizes are available upon request.
Standard packaging
On spools.
Ordering description***
Specify product name, size and color (for example, SFR 1/4-0).
***Europe only. For supply to MIL spec., Def Stan and BS add -MS, -DS or -BS to ordering description.


Similar Part No. - F27156-000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F271K33Y5RR6.K7 VISHAY-F271K33Y5RR6.K7 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F271K33Y5RR6.K7. VISHAY-F271K33Y5RR6.K7. Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
More results

Similar Description - F27156-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com