Electronic Components Datasheet Search |
|
DWP018M Datasheet(PDF) 9 Page - Tyco Electronics |
|
DWP018M Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 42 page 1-117 9-1773447-9 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 Germany: 49-6251-133-1999 CIS WR 08/2011 millimeters unless otherwise reference purposes only. Canada: 1-905-475-6222 China: 86-400-820-6015 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 te.com are metric equivalents. to change. L. & S. America: 54-11-4733-2200 UK: 44-800-267-666 RAYCHEM Tubing Products 1 SST/SST-FR Self-Sealing, Heat-Shrinkable Tubing Product Facts I Thick adhesive liner forms an effective barrier against fluids and moisture I Thick-wall insulation, strain relief and abrasion protection I No need for greases, tape, or epoxy I Expansion ratios as high as 3:1 I Available in flame-retardant material I SST has the following agency approvals: - ABS (American Bureau of Shipping) - Lloyd’s (Lloyd’s Register of Shipping) I RoHS compliant Specifications/Approvals Series Military Industry Agency Raychem SST —— RW-2011 SST-FR AMS-DTL-23053/15*, ASTM D 685, nonburning ABS, Lloyd’s RW-2011 Classes 1 and 2 *Formerly MIL-I-23053/I5 and MIL-DTL-23053/15. Applications SST provides a simple, positive splice-sealing method that offers protection under adverse environmental conditions. Tubing supplied with standard sealant provides water sealing and environ- mental protection in wet or underground applications. The thermoplastic adhesive not only seals, but also provides mechanical strain relief. The polymer tubing has excellent insulating, abrasion-resistance, and strain-relief properties. Installation Minimum shrink temperature: 90°C [195°F] Minimum full recovery temperature: 121°C [250°F] Operating Temperature Range -55°C to 110°C [-67°F to 230°F] Available in: Americas Europe Asia Pacific II I |
Similar Part No. - DWP018M |
|
Similar Description - DWP018M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |