Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67006-A9268 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67006-A9268
Description  Low-Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67006-A9268 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q67006-A9268 Datasheet HTML 3Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 4Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 5Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 6Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 7Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 8Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 9Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 10Page - Siemens Semiconductor Group Q67006-A9268 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLE 4276
Semiconductor Group
7
1998-11-01
Current
consumption;
I
q = II IQ
I
q
I
q
–5
15
10
25
mA
mA
I
Q =250 mA
I
Q =400 mA
1
1
Drop voltage1)
V
DR
–250
500
mV
I
Q =250 mA
V
DR = VI VQ
1
Load
regulation
∆V
Q
–5
35
mV
I
Q = 5 mA to
400 mA
1
Line
regulation
∆V
Q
1025mV
∆V
l = 12 V to 32V
I
Q =5 mA
1
Power supply
ripple rejection
PSRR
–60
dB
f
r = 100 Hz;
V
r =0.5 VSS
1
Temperature
output voltage
drift
dV
Q
dT
–0.5
mV/K
1) Measured when the output voltage V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
Inhibit
Inhibit on
voltage
V
INH
–2
3.5
V
V
Q ≥ 4.9 V
1
Inhibit off
voltage
V
INH
0.5
1.7
V
V
Q ≤ 0.1 V
1
Input current
I
INH
510
20
µA
V
INH =5 V
1
Characteristics (cont’d)
V
I =13.5 V;
–40
°C< T
j <150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Measuring
Condition
Measuring
Circuit
min.
typ.
max.


Similar Part No. - Q67006-A9268

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67006-A9260 SIEMENS-Q67006-A9260 Datasheet
81Kb / 13P
   Low-Drop Voltage Regulator
Q67006-A9261 SIEMENS-Q67006-A9261 Datasheet
81Kb / 13P
   Low-Drop Voltage Regulator
More results

Similar Description - Q67006-A9268

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com