Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10118744-T133YZZLF Datasheet(PDF) 1 Page - FCI connector

Part # 10118744-T133YZZLF
Description  High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10118744-T133YZZLF Datasheet(HTML) 1 Page - FCI connector

  10118744-T133YZZLF Datasheet HTML 1Page - FCI connector 10118744-T133YZZLF Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BOARD TO BOARD CONNECTORS
DESCRIPTION
The Conan 1.0mm mezzanine
connector system provides a
mechanically secure, high density
electrical interface between parallel
printed circuit boards.
Conan’s mechanical features and
palladium/nickel/gold plated
electrical contacts qualify it for high
reliability use in durable commercial
electronic equipment and
instruments.
CONAN®
High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
C - Series for Demanding Commercial Electronics Applications
FEATURES & BENEFITS
“Snap” engagement contacts assure secure mating
with an audible “click”
Blade-on-beam contact design allows "peeling"
disengagement and prevents contact stubbing
Connector housings feature "lead-in" angles to
assist in mating
Surface mounted metal hold-downs reinforce
connector retention to the printed circuit board
Mating polarization prevents backward connections
PCB polarization prevents errors during printed
circuit board assembly
Pick and place caps with tape and reel packaging
support automated assembly processes
Header height options support a range of PCB
stack heights: 4.15mm to 7mm
9 part sizes: 9 to 69 contacts
Lead-free RoHS compatible products satisfy
environmental regulations
TARGET MARKETS / APPLICATIONS
Portable meters / instruments
Medical diagnostics
Point-of-sale equipment, scanning
Machine-to-Machine (M2M)
Energy controllers / modules / displays
Communications and networking equipment
Electronic security
Office equipment


Similar Part No. - 10118744-T133YZZLF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10118 PHILIPS-10118 Datasheet
174Kb / 4P
   Dual 2-Wide 3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
10118 ETC-10118 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10118 HEYCO-10118 Datasheet
113Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
FCI connector
10118074-500A010LF FCI-CONNECTOR-10118074-500A010LF Datasheet
198Kb / 3P
   CAT 3 MULTIPORT STACKED 2x8 WITH SHIELD, W/O LED
10118192 FCI-CONNECTOR-10118192 Datasheet
77Kb / 1P
   MICRO USB B TYPE RECEPTACLE
More results

Similar Description - 10118744-T133YZZLF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0714362264 MOLEX8-0714362264 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
DB Lectro Inc
A07 DBLECTRO-A07 Datasheet
291Kb / 1P
   LOW PROFILE HIGH DENSITY IDC SOCKET
A15 DBLECTRO-A15 Datasheet
233Kb / 1P
   LOW PROFILE HIGH DENSITY DIP PLUG
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
   HIGH DENSITY MINIATURE CONNECTORS
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com