Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS-12-087 Datasheet(PDF) 9 Page - FCI connector

Part # BUS-12-087
Description  Ribcage??II Printed Wiring Board Connector System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

BUS-12-087 Datasheet(HTML) 9 Page - FCI connector

Back Button BUS-12-087 Datasheet HTML 5Page - FCI connector BUS-12-087 Datasheet HTML 6Page - FCI connector BUS-12-087 Datasheet HTML 7Page - FCI connector BUS-12-087 Datasheet HTML 8Page - FCI connector BUS-12-087 Datasheet HTML 9Page - FCI connector BUS-12-087 Datasheet HTML 10Page - FCI connector BUS-12-087 Datasheet HTML 11Page - FCI connector BUS-12-087 Datasheet HTML 12Page - FCI connector BUS-12-087 Datasheet HTML 13Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
NUMBER
BUS-12-087
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
9 of 21
M
AUTHORIZED BY
DATE
Ribcage™ II Printed Wiring Board Connector System
C. Martinez
27 Feb 07
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
FIGURE 4 INSERTION/WITHDRAWAL STANDARD GAGE PIN
Material: Standard gage pin tool steel.
Lubricant: 10% Nye oil in 90% Isopar H by weight.
Clean and lubricate gage pin before each use as follows:
A.
Scour surface with mildly abrasive material, i.e. abrasive rubber eraser.
B.
Wash surface with alcohol and dry with clean cotton. DO NOT TOUCH SURFACE WITH
FINGERS.
C.
Dip gage pin in lubricant and air dry.
PDM: Rev:M
Released
.
STATUS:
Printed: Nov 28, 2010


Similar Part No. - BUS-12-087

ManufacturerPart #DatasheetDescription
logo
FCI connector
BUS-12-114 FCI-CONNECTOR-BUS-12-114 Datasheet
130Kb / 8P
   Duplex Plated Bergstik짰 II Headers
More results

Similar Description - BUS-12-087

ManufacturerPart #DatasheetDescription
logo
FCI connector
87024-630LF FCI-CONNECTOR-87024-630LF Datasheet
311Kb / 21P
   Ribcage??II Printed Wiring Board Connector System
logo
Panasonic Semiconductor
NEAMC5 PANASONIC-NEAMC5 Datasheet
66Kb / 1P
   Printed Wiring Board
Feb. 2006
logo
Tyco Electronics
6061002-1 MACOM-6061002-1 Datasheet
110Kb / 1P
   MCX PRINTED WIRING BOARD JACK RECEPTACLE STRAIGHT TERMINAL
logo
Omron Electronics LLC
XW6T OMRON-XW6T Datasheet
384Kb / 2P
   XW6T Wiring System Interface
logo
List of Unclassifed Man...
EC204B020A ETC1-EC204B020A Datasheet
291Kb / 4P
   Molded Printed Wiring Rotary Switches
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com