Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-12-006 Datasheet(PDF) 3 Page - FCI connector

Part # GS-12-006
Description  Conan??Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-006 Datasheet(HTML) 3 Page - FCI connector

  GS-12-006 Datasheet HTML 1Page - FCI connector GS-12-006 Datasheet HTML 2Page - FCI connector GS-12-006 Datasheet HTML 3Page - FCI connector GS-12-006 Datasheet HTML 4Page - FCI connector GS-12-006 Datasheet HTML 5Page - FCI connector GS-12-006 Datasheet HTML 6Page - FCI connector GS-12-006 Datasheet HTML 7Page - FCI connector GS-12-006 Datasheet HTML 8Page - FCI connector GS-12-006 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
3 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
5.0
REQUIREMENTS
5.1
QUALIFICATION
Connectors furnished under this specification shall be products that are capable of meeting the
qualification test requirements specified herein.
5.2
MATERIAL
The material for each part shall be as specified herein, or equivalent. Substitute material shall meet
the performance requirements of this specification.
5.2.1
Receptacle Terminal. The base material shall be beryllium copper strip C17200, SHM
(TMO5).
5.2.2
Header Terminal. The base material shall be 3/4 hard phosphor bronze strip C51000.
5.2.3
Header and Receptacle Insulator Housing. The insulators shall be molded of 30% glass
filled liquid crystal polymer that is rated 94V-0 or better in accordance with UL-94.
5.2.4
Hold-Down. The base material shall be full hard, brass strip C26000. See Section 5.3.2
for plating requirements.
5.3
FINISH
5.3.1
The header and receptacle terminals shall be plated in the contact area with 15
microinches min. GXT™, 30 microinches min. GXT™ or 50 microinches min. Gold
(dependent on finish specified by part number) over 50 microinches Nickel or Copper.
The terminal soldertail shall be plated with 200 microinhces min. tin lead, 100
microinches min. tin lead or pure tin over 50 microinches min. Nickel or Copper . The
terminal areas outside of the contact area and soldertail areas shall be plated with 50
microinches min. Nickel or Copper.
5.3.2
The hold-down shall be plated with 100 microinches min. tin lead or pure tin over 50
microinches min. Nickel or Copper.
5.4
DESIGN AND CONSTRUCTION
The connector shall be a multi-piece assembly having two rows of contacts with surface mount
soldertail terminations and solderable surface mount retention devices for installation on surface
mount printed wiring boards or flexible circuits.
5.4.1
Mating. The connector shall be capable of mating and unmating manually without the
use of special tools.
5.4.2
Workmanship. Connectors shall be uniform in quality and shall be free from burrs,
scratches, cracks, voids, chips, blisters, pin holes, sharp edges, and other defects that
will adversely affect life or serviceability. Open knit lines, which may appear as a crack,
may be present in the housing but do not adversely affect the performance of the
connector as per the requirements outlined in this specification.
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Similar Part No. - GS-12-006

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
More results

Similar Description - GS-12-006

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
logo
Tyco Electronics
215460-4 MACOM-215460-4 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
logo
FCI connector
91900 FCI-CONNECTOR-91900 Datasheet
451Kb / 7P
   CONAN CONNECTOR ASSEMBLY
91911-21451LF FCI-CONNECTOR-91911-21451LF Datasheet
411Kb / 7P
   CONAN CONNECTOR ASSEMBLY
91931-31125LF FCI-CONNECTOR-91931-31125LF Datasheet
440Kb / 7P
   CONAN CONNECTOR ASSEMBLY
logo
Adam Technologies, Inc.
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
   MICRO MINIATURE CONNECTOR
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
   MICRO MINIATURE CONNECTOR
logo
Nel Frequency Controls,...
OC-X87XXXXX NEL-OC-X87XXXXX Datasheet
43Kb / 3P
   Micro-miniature OCXO
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com