Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10119577 Datasheet(PDF) 3 Page - FCI connector

Part # 10119577
Description  Mini-SAS HD Next generation SAS storage interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10119577 Datasheet(HTML) 3 Page - FCI connector

  10119577 Datasheet HTML 1Page - FCI connector 10119577 Datasheet HTML 2Page - FCI connector 10119577 Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.fciconnect.com
Mini-SAS HD Connectors and Cable Assemblies
Next generation SAS storage interface
Part Number
Product Description
Signal Pairs
10112041
Mini-SAS HD to mini-SAS HD passive external cable assembly -
4x configuration – SAS 2.1 ( 6Gb/s ) compatible
8 pairs
10117771
Mini-SAS HD to mini-SAS passive external cable assembly -
SAS 2.1 ( 6Gb/s ) compatible - 4x configuration on mini-SAS HD end
and universal keying on mini-SAS end
8 pairs
10112359
Mini-SAS HD to mini-SAS HD passive external cable assembly -
8x configuration – SAS 2.1 ( 6Gb/s ) compatible
16 pairs
10117947
Mini-SAS HD to mini-SAS passive external cable assembly -
SAS 2.1 ( 6Gb/s ) compatible - 8x configuration on mini-SAS HD end
and universal keying on mini-SAS end
16 pairs
10117949
Mini-SAS HD to mini-SAS HD passive external cable assembly -
4x configuration – proposed SAS 3.0 ( 12Gb/s ) compatible
8 pairs
10117950
Mini-SAS HD to mini-SAS HD passive external cable assembly -
8x configuration-proposed SAS 3.0 ( 12Gb/s ) compatible
16 pairs
10119217
Mini-SAS HD to mini-SAS HD passive internal cable assembly -
4x configuration – SAS 2.1 ( 6Gb/s ) compatible
8 pairs
10119312
Mini-SAS HD to mini-SAS HD passive internal cable assembly -
4x configuration – SAS 3.0 ( 12Gb/s ) compatible
8 pairs
10119577
Mini-SAS HD to mini-SAS HD passive internal cable assembly -
8x configuration – SAS 2.1 ( 6Gb/s ) compatible
16 pairs
10119576
Mini-SAS HD to mini-SAS HD passive internal cable assembly -
8x configuration – SAS 3.0 ( 12Gb/s ) compatible
16 pairs
For more information please visit: www.fciconnect.com/hsio or contact: minisashd@fciconnect.com
PART NUMBERS External and Internal Board Connectors
PART NUMBERS External and Internal Cable Assemblies
Part Number
Product Description
Signal Pairs
10112626-101LF
Mini-SAS HD 1 X 1 External Assembly (6 & 12 Gb/s per channel)
8 Pairs
10112627-101LF
Mini-SAS HD 1 X 2 External Assembly (6 & 12 Gb/s per channel)
16 Pairs
10112628-101LF
Mini-SAS HD 1 X 4 External Assembly (6 & 12 Gb/s per channel)
32 Pairs
10112632-101LF
Mini-SAS HD 1 X 1 Internal Assembly (6 & 12 Gb/s per channel)
8 Pairs
10112633-101LF
Mini-SAS HD 1 X 2 Internal Assembly (6 & 12 Gb/s per channel)
16 Pairs
10112634-101LF
Mini-SAS HD 1 X 4 Internal Assembly (6 & 12 Gb/s per channel)
32 Pairs


Similar Part No. - 10119577

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10119 PHILIPS-10119 Datasheet
181Kb / 5P
   4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
10119 ETC-10119 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10119 HEYCO-10119 Datasheet
113Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Weidmuller
1011980000 WEIDMULLER-1011980000 Datasheet
495Kb / 1P
   Screw Clamp 35 mm DIN-Rail Terminals
logo
NXP Semiconductors
10119F PHILIPS-10119F Datasheet
181Kb / 5P
   4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
More results

Similar Description - 10119577

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U92-A2X0-1X0X-XX AMPHENOL-P-U92-A2X0-1X0X-XX Datasheet
298Kb / 4P
   8X MINI SAS HD
P-U92-A410-1X01-XX AMPHENOL-P-U92-A410-1X01-XX Datasheet
267Kb / 4P
   16X MINI SAS HD
logo
TE Connectivity Ltd
408-10466 TEC-408-10466 Datasheet
108Kb / 2P
   HD Mini-SAS Removal Tools
408-32028 TEC-408-32028 Datasheet
84Kb / 4P
   Mini-SAS HD Seating Tool Kit
108-152051 TEC-108-152051 Datasheet
85Kb / 5P
   External Mini-SAS HD Cable Assembly System
logo
Amphenol Corporation
P-U92-A1X0-1X0X-XX AMPHENOL-P-U92-A1X0-1X0X-XX Datasheet
286Kb / 4P
   4X MIN SAS HD
logo
NEC
ST1240 NEC-ST1240 Datasheet
184Kb / 2P
   ECONOMICAL SAS DIRECT ATTACHED STORAGE
logo
Tripp Lite. All Rights ...
S50618N TRIPPLITE-S50618N Datasheet
493Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S506-18N TRIPPLITE-S506-18N Datasheet
494Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S506003 TRIPPLITE-S506003 Datasheet
491Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 3-ft. (1M)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com