Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-29-010 Datasheet(PDF) 7 Page - FCI connector

Part # GS-29-010
Description  FCI BergStak짰 Connector & TE Free Height* Connector Inter-Mating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-29-010 Datasheet(HTML) 7 Page - FCI connector

Back Button GS-29-010 Datasheet HTML 2Page - FCI connector GS-29-010 Datasheet HTML 3Page - FCI connector GS-29-010 Datasheet HTML 4Page - FCI connector GS-29-010 Datasheet HTML 5Page - FCI connector GS-29-010 Datasheet HTML 6Page - FCI connector GS-29-010 Datasheet HTML 7Page - FCI connector GS-29-010 Datasheet HTML 8Page - FCI connector GS-29-010 Datasheet HTML 9Page - FCI connector GS-29-010 Datasheet HTML 10Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NUMBER
GS-29-010
TYPE
PRODUCT QUALIFICATION SUMMARY
TITLE
PAGE
REVISION
7 of 10
A
AUTHORIZED BY
DATE
FCI BergStak® Connector & TE Free Height* Connector Inter-Mating
* Free Height™ is a trademark of Tyco Electronics, Inc., All rights reserved.
Matthew Cheong
27
th Oct 09
CLASSIFICATION
UNRESTRICTED
© 2009, FCI USA LLC
Form E-3334
Rev F
GS-01-001
6.3.2
Test Group 7 – Tyco Plug & FCI Receptacle (40 & 120 positions)
TEST
SPECIFICATION
CRITERION
RESULTS
(40 positions)
RESULTS
(120 positions)
LLCR#1
EIA-364-23
Per GS-12-547 section 6.1.2
Condition: 20mV, 100mA
Criteria: 30mΩ max
Pass
13.7mΩ max
Pass
9.5mΩ max
Durability Pre-conditioning
EIA-364-09
Per GS-12-547 section 6.1.10
Condition: 25 cycles, 1”/min
Criteria: No Damage
Pass
No Damage
Pass
No Damage
LLCR#2
EIA-364-23
Per GS-12-547 section 6.1.2
Condition: 20mV, 100mA
Criteria: 50mΩ max
Pass
11.0mΩ max
Pass
13.8mΩ max
Thermal Shock
EIA-364-32, method A
Per GS-12-547 section 6.1.15
Condition: -40°C~125°C, 10
cycles
Criteria: No Damage
Pass
No Damage
Pass
No Damage
LLCR#3
EIA-364-23
Per GS-12-547 section 6.1.2
Condition: 20mV, 100mA
Criteria: 50mΩ max
Pass
10.7mΩ max
Pass
13.8mΩ max
Cyclic Humidity & Temp
EIA-364-31, method III
Per GS-12-547 section 6.1.17
Condition:EIA-364-31,
Method III (omit step 7b)
Criteria: No Damage
Pass
No Damage
Pass
No Damage
LLCR#4
EIA-364-23
Per GS-12-547 section 6.1.2
Condition: 20mV, 100mA
Criteria: 50mΩ max
Pass
12.0mΩ max
Pass
12.8mΩ max
Reseating
Per GS-12-547 section 6.1.14
Condition: 3 cycles manual
un-mating & mating
Criteria: No Damage
Pass
No Damage
Pass
No Damage
LLCR#5
EIA-364-23
Per GS-12-547 section 6.1.2
Condition: 20mV, 100mA
Criteria: 50mΩ max
Pass
11.4mΩ max
Pass
12.8mΩ max
PDM: Rev:A
Released
.
STATUS:
Printed: Nov 28, 2010


Similar Part No. - GS-29-010

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-29-616 FCI-CONNECTOR-GS-29-616 Datasheet
102Kb / 7P
   SFP짰 Cable and Connector System
GS-29-622 FCI-CONNECTOR-GS-29-622 Datasheet
101Kb / 6P
   QSFP짰 Cable and Connector System
More results

Similar Description - GS-29-010

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-547 FCI-CONNECTOR-GS-12-547 Datasheet
94Kb / 8P
   0.8mm BergStak짰 Product Specification
logo
DB Lectro Inc
WC320240A-FCI-N DBLECTRO-WC320240A-FCI-N Datasheet
622Kb / 16P
   WC320240A-FCI-N
logo
RRC power solutions Ltd...
RRC-MC21-90-10 RRC-RRC-MC21-90-10 Datasheet
470Kb / 3P
   Battery Mating Connector
RRC-MC20-180-10 RRC-RRC-MC20-180-10 Datasheet
462Kb / 3P
   Battery Mating Connector
RRC-MC11-90-2 RRC-RRC-MC11-90-2 Datasheet
259Kb / 3P
   Battery Mating Connector
RRC-MC20-90-10 RRC-RRC-MC20-90-10 Datasheet
430Kb / 3P
   Battery Mating Connector
RRC-MC21-90-20 RRC-RRC-MC21-90-20 Datasheet
456Kb / 3P
   Battery Mating Connector
logo
Japan Aviation Electron...
FR02 JAE-FR02 Datasheet
241Kb / 5P
   0.2 mm Pitch, 0.82mm Mating Height FPC Connector
FR02C023JA1-R5000 JAE-FR02C023JA1-R5000 Datasheet
241Kb / 5P
   0.2 mm Pitch, 0.82mm Mating Height FPC Connector
logo
Gamewell-FCI by Honeywe...
GFPS-9 GAMEWELL-FCI-GFPS-9 Datasheet
57Kb / 2P
   Gamewell-FCI Power Supply-9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com