Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-29-622 Datasheet(PDF) 3 Page - FCI connector

Part # GS-29-622
Description  QSFP짰 Cable and Connector System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-29-622 Datasheet(HTML) 3 Page - FCI connector

  GS-29-622 Datasheet HTML 1Page - FCI connector GS-29-622 Datasheet HTML 2Page - FCI connector GS-29-622 Datasheet HTML 3Page - FCI connector GS-29-622 Datasheet HTML 4Page - FCI connector GS-29-622 Datasheet HTML 5Page - FCI connector GS-29-622 Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NUMBER
GS-29-622
TYPE
PRODUCT QUALIFICATION SUMMARY
TITLE
PAGE
REVISION
3 of 7
A
AUTHORIZED BY
DATE
QSFP+® Cable and Connector System
J. Kopec
04/21/10
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
6.1.3 Test Group 3 – Receptacle Cage Mechanical, 3 receptacle cages and 3 receptacle test boards.
TEST
SPECIFICATION CRITERION
RESULTS
Cage Press-Fit Insertion Force
EIA-364-09
Per GS-12-622 Sec. 6.6.10
Condition: Axial load on top of cage
Criterion: 550 N max.
PASS
222.4 N max
Cage Press-Fit Retention Force
EIA-364-09
Per GS-12-622 Sec. 6.6.10
Condition: Axial load on all exposed
press-fit tails simultaneously.
Criterion: 114 N min.
PASS
133.4 N min.
6.1.4 Test Group 4 – Thermal Shock and Humidity, one each AWG30 and AWG24 cable assembly mated
to receptacle test boards for LLCR, two each AWG28 and AWG26 cable assemblies without
paddleboard resistors mated to unassembled receptacles (no PCB or cage) for IR/DWV.
TEST
SPECIFICATION CRITERION
RESULTS
LLCR
EIA-364-23
Per Lab Modifications*
Condition: 20mV, 100mA
Criterion: None (Baseline)
PASS
Baseline
IR
EIA-364-21
Per GS-12-622 Sec. 6.1.2
Condition: 100 V DC, 60 seconds
Criterion: 1 GΩ min
PASS
23 GΩ min
DWV
EIA-364-20
Per GS-12-622 Sec. 6.1.3
Condition: 300 V DC, 60 seconds
Criterion: No breakdown or arc-over, .5 mA max.
leakage current
PASS
No breakdown or arc-over,
.002 µA max. leakage current
Thermal Shock
EIA-364-32
Per GS-12-622 Sec. 6.7.1
Condition: -55C to +85C, 25 1-hour cycles
Criterion: No damage
PASS
No damage
LLCR
EIA-364-23
Per Lab Modifications*
Condition: 20mV, 100mA
Criterion: 20 mΩ max increase
PASS
0.67 mΩ max increase
Humidity
EIA-364-31
Per GS-12-622 Sec. 6.7.3
Condition: 10 18-hour cycles, 25C to 65C, exclude 7a
and 7b
Criterion: No damage
PASS
No damage
LLCR
EIA-364-23
Per Lab Modifications*
Condition: 20mV, 100mA
Criterion: 20 mΩ max increase
PASS
4.32 mΩ max increase
IR
EIA-364-21
Per GS-12-622 Sec. 6.1.2
Condition: 100 V DC, 60 seconds
Criterion: 1 GΩ min
PASS
1.59 GΩ min.
DWV
EIA-364-20
Per GS-12-622 Sec. 6.1.3
Condition: 300 V DC, 60 seconds
Criterion: No breakdown or arc-over, .5 mA max.
leakage current
PASS
No breakdown or arc-over,
0.57 µA leakage
*Product specification GS-12-622 calls for LLCR to be performed per EIA-364-6. This test was not possible
with these assemblies, and EIA-364-23 was used per agreement.
PDM: Rev:A
Released
.
STATUS:
Printed: Nov 29, 2010


Similar Part No. - GS-29-622

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-29-616 FCI-CONNECTOR-GS-29-616 Datasheet
102Kb / 7P
   SFP짰 Cable and Connector System
More results

Similar Description - GS-29-622

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-29-616 FCI-CONNECTOR-GS-29-616 Datasheet
102Kb / 7P
   SFP짰 Cable and Connector System
logo
TE Connectivity Ltd
108-130044 TEC-108-130044 Datasheet
123Kb / 5P
   QSFP-OTB cage and cable mounted receptacle
501-130016 TEC-501-130016 Datasheet
504Kb / 15P
   QSFP-OTB cage and cable mounted receptacle
logo
Molex Electronics Ltd.
747579005 MOLEX-747579005 Datasheet
497Kb / 3P
   QSFP CABLE ASSEMBLY
2020/10/07
logo
PANDUIT CORP.
SST4I-C PANDUIT-SST4I-C Datasheet
87Kb / 1P
   Sta-Strap 짰 Cable Ties . Nylon 6.6
logo
TE Connectivity Ltd
C-2333801 TEC-C-2333801 Datasheet
341Kb / 2P
   CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 30AWG
C-2333844 TEC-C-2333844 Datasheet
358Kb / 2P
   CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 26AWG
logo
Amphenol Corporation
NDYYJR-0001 AMPHENOL-NDYYJR-0001 Datasheet
304Kb / 2P
   QSFP DD Cable Assemblies
logo
Molex Electronics Ltd.
0747571301 MOLEX11-0747571301 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 30 AWG, 3.0m Length
1110401204 MOLEX11-1110401204 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 30 AWG, 2.0m Length
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com