Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2423L Datasheet(PDF) 6 Page - SiGe Semiconductor, Inc.

Part # PA2423L
Description  2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423L Datasheet(HTML) 6 Page - SiGe Semiconductor, Inc.

Back Button PA2423L Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 9Page - SiGe Semiconductor, Inc. PA2423L Datasheet HTML 10Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PA2423L
2.4 GHz Bluetooth Class 1 Power Amplifier IC
Preliminary Information
Supply Current vs. Control
Voltage
0
20
40
60
80
100
120
140
0.4
0.9
1.4
1.9
2.4
2.9
3.4
Vctl(V)
Pin=-4dBm
Pin=0dBm
Pin=+2dBm
Output Power vs Control Voltage
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.4
0.9
1.4
1.9
2.4
2.9
3.4
Vctl(V)
Pin=-4dBm
Pin=0dBm
Pin=+2dBm
Icc vs Frequency
60
70
80
90
100
110
120
130
140
2.3
2.3
2.4
2.4
2.5
2.5
2.6
2.6
2.7
Frequency (GHz)
Harmonic Output Spectrum
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
123
4567
89
10
11 12
13
Frequency (GHz)
DOC# 05PDS002 Rev 4
07/26/2001
Page 6 of 11


Similar Part No. - PA2423L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423L SIGE-PA2423L Datasheet
132Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423L SIGE-PA2423L Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423L-EV SIGE-PA2423L-EV Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
PA2423L-R SIGE-PA2423L-R Datasheet
132Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
More results

Similar Description - PA2423L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PA2423MB SIGE-PA2423MB Datasheet
370Kb / 10P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
PA2423U SIGE-PA2423U Datasheet
230Kb / 10P
   RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
logo
ATMEL Corporation
T7023 ATMEL-T7023 Datasheet
203Kb / 11P
   Bluetooth 2.4-GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com