Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10113949-M0E-10DLF Datasheet(PDF) 3 Page - FCI connector

Part # 10113949-M0E-10DLF
Description  XCede짰 High-Performance Backplane Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10113949-M0E-10DLF Datasheet(HTML) 3 Page - FCI connector

  10113949-M0E-10DLF Datasheet HTML 1Page - FCI connector 10113949-M0E-10DLF Datasheet HTML 2Page - FCI connector 10113949-M0E-10DLF Datasheet HTML 3Page - FCI connector 10113949-M0E-10DLF Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADDitionAL FeAtures
• in addition to providing individual right-angle receptacle
signal modules, customized groupings of right-angle
signal, guidance and power modules can be attached to
a single wafer organizer to form an integrated daughter
card connector.
www.fciconnect.com
For more information, visit www.fciconnect.com/highspeed or contact Xcede@fci.com
• the wide ground contacts in the vertical backplane
headers feature a stiffening rib that extends near the
tip of the contact and are advanced well ahead of
the signal contacts for exceptional robustness and
signal pin protection.
pArt nuMBers
Lead-free part numbers are listed in the table; tin-lead versions are available upon request. Header part numbers
shown provide 2mm signal contact wipe length; versions providing 3mm wipe length are also available.
Right-angle receptacle
4
4
10091844-101LF
Vertical header with 2 side walls
4
4
10091836-00J-10DLF
Vertical header with 3 walls including right end wall
4
4
10091836-M0J-10DLF
Vertical header with 3 walls including left end wall
4
4
10091836-L0J-10DLF
Vertical header with 4 walls
4
4
10091836-10J-10DLF
Vertical header with 3 walls, left guide & key opening
4
4
10091836-J0J-10DLF
Vertical header with 3 walls, right guide & key opening
4
4
10091836-Y0J-10DLF
Right-angle receptacle
4
6
10091799-101LF
Vertical header with 2 side walls
4
6
10091767-00C-10DLF
Vertical header with 3 walls including right end wall
4
6
10091767-M0C-10DLF
Vertical header with 3 walls including left end wall
4
6
10091767-L0C-10DLF
Vertical header with 4 walls
4
6
10091767-10C10DLF
Vertical header with 3 walls, left guide & key opening
4
6
10091767-J0C-10DLF
Vertical header with 3 walls, right guide & key opening
4
6
10091767-Y0C-10DLF
Right-angle receptacle
4
8
10091812-101LF
Vertical header with 2 side walls
4
8
10091777-00E-10DLF
Vertical header with 3 walls including right end wall
4
8
10091777-M0E-10DLF
Vertical header with 3 walls including left end wall
4
8
10091777-L0E-10DLF
Vertical header with 4 walls
4
8
10091777-10E10DLF
Vertical header with 3 walls, left guide & key opening
4
8
10091777-J0E-10DLF
Vertical header with 3 walls, right guide & key opening
4
8
10091777-Y0E-10DLF
Module Description
Differential pairs
Number
Part Number
per column
of columns


Similar Part No. - 10113949-M0E-10DLF

ManufacturerPart #DatasheetDescription
logo
Lapp.
10113900 LAPP-10113900 Datasheet
128Kb / 2P
   EPIC® H-B 24 TS-RO
17.09.2018
More results

Similar Description - 10113949-M0E-10DLF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-1773458-1 TEC-7-1773458-1 Datasheet
3Mb / 30P
   Impact??Backplane Connector System
logo
Vitesse Semiconductor C...
VSC870 VITESSE-VSC870 Datasheet
511Kb / 40P
   High Performance Serial Backplane Transceiver
logo
Advantech Co., Ltd.
IRS-3500 ADVANTECH-IRS-3500_15 Datasheet
466Kb / 1P
   1U High Performance Rugged System
EI-A215 ADVANTECH-EI-A215 Datasheet
937Kb / 2P
   High-Performance Edge Intelligence System
2-Jun-2020
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
MKS Instruments.
VISION2000-P MKS-VISION2000-P Datasheet
353Kb / 4P
   HIGH PERFORMANCE PROCESS MONITORING SYSTEM
logo
Molex Electronics Ltd.
86105-0100 MOLEX-86105-0100 Datasheet
182Kb / 3P
   HBMTTM MT High Density Backplane Interconnect System
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Molex Electronics Ltd.
106186-0017 MOLEX-106186-0017 Datasheet
476Kb / 2P
   MTP* Backplane Interconnect System (BMTP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com