Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2423MB Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # PA2423MB
Description  2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423MB Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  PA2423MB Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PA2423MB
2.4 GHz Bluetooth Class 1 Power Amplifier IC
Production Information
Pin Out Diagram – top view
VCTL
VRAMP
NC
IN
VCC0
VCC1
Ground
VCTL
VRAMP
NC
IN
VCC0
VCC1
NC
OUT/VCC2
1
2
3
4
5
6
7
8
Die
Pad
Pin Out Description
Pin No.
Name
Description
1
VCTL
Controls the output level of the power amplifier. An analog control signal between
0V and Vcc varies the PA output power between minimum and maximum values
2
VRAMP
Enable/Disable the power amplifier. A digital control signal with Vcc logic high
(power up) and 0V logic low (power down) is used to turn the device on and off.
3
NC
No connection
4
IN
Power amplifier RF input, external input matching network with DC blocking is
required
5
VCCO
Bias supply voltage
6
VCC1
Stage 1 collector supply voltage, external inter-stage matching network is required
7
NC
No connection
8
OUT/VCC2
PA Output and Stage2 collector supply voltage, external output matching network
with DC blocking is required
Die Pad
GND
Heatslug Die Pad is ground
DOC# 05PDS001 Rev 9
07/26/2001
Page 2 of 10


Similar Part No. - PA2423MB

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423 SIGE-PA2423 Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423 SIGE-PA2423 Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423G-EV SIGE-PA2423G-EV Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
More results

Similar Description - PA2423MB

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
logo
ATMEL Corporation
T7023 ATMEL-T7023 Datasheet
203Kb / 11P
   Bluetooth 2.4-GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
logo
ATMEL Corporation
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
logo
SiGe Semiconductor, Inc...
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com