Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2520L Datasheet(PDF) 7 Page - SiGe Semiconductor, Inc.

Part # SE2520L
Description  RangeCharger 2.4GHz Power Amplifier IC Final
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2520L Datasheet(HTML) 7 Page - SiGe Semiconductor, Inc.

  SE2520L Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2520L Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2520L Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2520L Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2520L Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2520L Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2520L Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2520L Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SE2520L
RangeCharger™ 2.4GHz Power Amplifier IC
Final
Package Information
Notes: 1. Dimensions are in millimeters
2. Tolerance 0.1mm unless otherwise specified
3. Moisture/ Reflow Sensitivity Classification: Level 1 (IPC/JEDEC-J-STD-020A)
4. Lead finish is 100% lead-free electrolytic tin.
5. Exposed heat/electrical ground pad at bottom of package
15-DST-01 Rev 4.8 Oct 28/02
7 of 8


Similar Part No. - SE2520L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
   RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A60-EK1 SIGE-SE2521A60-EK1 Datasheet
451Kb / 16P
   RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A60-R SIGE-SE2521A60-R Datasheet
451Kb / 16P
   RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
SE2521A80-EK1 SIGE-SE2521A80-EK1 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
More results

Similar Description - SE2520L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2529L SIGE-SE2529L Datasheet
190Kb / 10P
   RangeCharger 2.4GHz Power Amplifier
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
   RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
Intersil Corporation
HFA3983 INTERSIL-HFA3983 Datasheet
133Kb / 7P
   2.4GHz Power Amplifier and Detector
March 2000
ISL3984 INTERSIL-ISL3984 Datasheet
116Kb / 7P
   2.4GHz Power Amplifier and Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com