Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2522L Datasheet(PDF) 8 Page - SiGe Semiconductor, Inc.

Part # SE2522L
Description  RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2522L Datasheet(HTML) 8 Page - SiGe Semiconductor, Inc.

  SE2522L Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2522L Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2522L Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2522L Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2522L Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2522L Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2522L Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2522L Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SE2522L
RangeCharger™ 2.4 GHz Power Amplifier And Power Detector IC
Preliminary Information
http://www.sige.com
Headquarters: Canada
Phone: +1 613 820 9244
Fax:
+1 613 820 4933
2680 Queensview Drive
Ottawa ON K2B 8J9 Canada
sales@sige.com
San Diego
United Kingdom
Phone: +1 858 668 3541
South Building, Walden Court
Fax:
+1 858 668 3546
Parsonage Lane, Bishop’s Stortford
Hertfordshire CM23 5DB
Hong Kong
Phone: +44 1279 464 200
Phone: +1 852 9177 1917
Fax:
+44 1279 464 201
Product Preview
The datasheet contains information from the product concept specification. SiGe Semiconductor Inc. reserves the right to change
information at any time without notification.
Preliminary Information
The datasheet contains information from the design target specification. SiGe Semiconductor Inc. reserves the right to change
information at any time without notification.
Final
The datasheet contains information from the final product specification. SiGe Semiconductor Inc. reserves the right to change
information at any time without notification. Production testing may not include testing of all parameters.
Information furnished is believed to be accurate and reliable and is provided on an “as is” basis. SiGe Semiconductor Inc. assumes
no responsibility or liability for the direct or indirect consequences of use of such information nor for any infringement of patents or
other rights of third parties, which may result from its use. No license or indemnity is granted by implication or otherwise under any
patent or other intellectual property rights of SiGe Semiconductor Inc. or third parties. Specifications mentioned in this publication
are subject to change without notice.
This publication supersedes and replaces all information previously supplied.
SiGe
Semiconductor Inc. products are NOT authorized for use in implantation or life support applications or systems without express
written approval from SiGe Semiconductor Inc.
RangerCharger
TM, StreamChargerTM, PointChargerTM, and LightChargerTM are trademarks owned by SiGe Semiconductor Inc.
Copyright 2002 SiGe Semiconductor
All Rights Reserved
18-DST-01 Rev 2.4 Aug 7/02
8 of 8


Similar Part No. - SE2522L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
   RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
More results

Similar Description - SE2522L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com