Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950 Datasheet(PDF) 2 Page - Sipex Corporation

Part # LP2950
Description  100 mA Low Dropout Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950 Datasheet(HTML) 2 Page - Sipex Corporation

  LP2950 Datasheet HTML 1Page - Sipex Corporation LP2950 Datasheet HTML 2Page - Sipex Corporation LP2950 Datasheet HTML 3Page - Sipex Corporation LP2950 Datasheet HTML 4Page - Sipex Corporation LP2950 Datasheet HTML 5Page - Sipex Corporation LP2950 Datasheet HTML 6Page - Sipex Corporation LP2950 Datasheet HTML 7Page - Sipex Corporation LP2950 Datasheet HTML 8Page - Sipex Corporation LP2950 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. 8/10/01
LP2950/51 100mA Low Dropout Voltage Regulators
©Copyright 2001 Sipex Corporation
2
LP2950/51
ABSOLUTE MAXIMUM RATINGS
Power Dissipation.....................................Internally Limited
Feedback Input Voltage................................................ -1.5V to +30V
Lead Temp. (Soldering, 5 Seconds)............................260¡C
Shutdown Input Voltage............................................... -0.3V to +30V
Storage Temperature Range ......................... -65¡ to +150¡C
Error Comparator Output ............................................. -0.3V to +30V
Operating Junction Temperature Range
-40C to +125C
ESD Rating
.........................................................................2kV Min
Input Supply Voltage..................................... -0.3V to +30V
ELECTRICAL CHARACTERISTICS VIN=6V, IO=100µA, COUT=1µF (Note 2) TA=25C, unless otherwise noted.
PARAMETER
CONDITIONS
LP2950AC
LP2951AC
Min.
Typ.
Max.
LP2950C
LP2951C
Min.
Typ.
Max.
UNITS
3.3 V Versions
Output Voltage
TJ = 25¡C
-25¡C ≤TJ ≤85¡C
Full Operating Temperature
3.284
3.267
3.260
3.3
3.3
3.3
3.317
3.333
3.340
3.267
3.251
3.234
3.3
3.3
3.3
3.333
3.350
3.366
V
Output Voltage
100 µA ≤IL ≤100 mA
TJ ≤TJMAX
3.254
3.3
3.346
3.221
3.3
3.379
V
5 V Versions
Output Voltage
TJ = 25¡C
-25¡C ≤TJ ≤85¡C
Full Operating Temperature
4.975
4.950
4.940
5.0
5.0
5.0
5.025
5.050
5.060
4.950
4.925
4.900
5.0
5.0
5.0
5.050
5.075
5.100
V
Output Voltage
100 µA ≤IL ≤100 mA
TJ ≤TJMAX
4.925
5.0
5.075
4.880
5.0
5.120
V
All Voltage Options
Output Voltage
Temperature Coefficient
(Note 1)
20
120
50
150
ppm/¡C
Line Regulation (Note 3)
6V ≤VIN ≤30V (Note 4)
0.03
0.1
0.04
0.2
%
Load Regulation (Note 3)
100 µA ≤IL ≤ 100 mA
0.04
0.1
0.1
0.2
%
Dropout Voltage
(Note 5)
IL = 100 µA
IL = 100 mA
50
380
80
450
50
380
80
450
mV
mV
Ground Current
IL = 100 µA
IL = 100 mA
150
8
170
12
150
8
170
12
µA
mA
Current Limit
VOUT = 0
150
200
150
200
mA
Thermal Regulation
0.05
0.2
0.05
0.2
%/W
Output Noise,
CL = 1µF
430
430
µV rms
10Hz to 100KHz
CL = 200 µF
160
160
µV rms
CL = 3.3 µF, Bypass = 0.01µF
from Pin 7 to Pin 1 (LP2951)
100
100
µV rms
8-Pin Versions only
LP2951AC
LP2951C
Reference Voltage
1.220
1.235
1.250
1.210
1.235
1.260
V
Reference Voltage
Over Temperature (Note 6)
1.190
1.270
1.185
1.285
V
Feedback Pin Bias
Current
40
60
40
60
nA


Similar Part No. - LP2950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2950 ONSEMI-LP2950 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950 ONSEMI-LP2950 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LP2950

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
B4600 ETC-B4600 Datasheet
192Kb / 6P
   600 mA Low Dropout Voltage Regulators
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVTG4 TI-TPS76150DBVTG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
LP2981-28 TI1-LP2981-28 Datasheet
1Mb / 22P
[Old version datasheet]   100-mA Ultra-Low Dropout Regulators With Shutdown
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com