Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950AS Datasheet(PDF) 4 Page - Sipex Corporation

Part # LP2950AS
Description  100 mA Low Dropout Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950AS Datasheet(HTML) 4 Page - Sipex Corporation

  LP2950AS Datasheet HTML 1Page - Sipex Corporation LP2950AS Datasheet HTML 2Page - Sipex Corporation LP2950AS Datasheet HTML 3Page - Sipex Corporation LP2950AS Datasheet HTML 4Page - Sipex Corporation LP2950AS Datasheet HTML 5Page - Sipex Corporation LP2950AS Datasheet HTML 6Page - Sipex Corporation LP2950AS Datasheet HTML 7Page - Sipex Corporation LP2950AS Datasheet HTML 8Page - Sipex Corporation LP2950AS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 8/10/01
LP2950/51 100mA Low Dropout Voltage Regulators
©Copyright 2001 Sipex Corporation
4
Input Current
75
0
0
10
INPUT VOLTAGE (VOLTS)
R
L = 50kΩ
25
50
100
125
150
175
200
225
250
1
2
3
R
L =
Dropout Characteristics
0
0
INPUT VOLTAGE (VOLTS)
1
2
3
4
5
6
1
2
3
4
5
6
R
L=
R
L=50kΩ
4
5
6
7
8
9
LOAD CURRENT (mA)
Quiescent Current
10
1
0.1
0.01
0.1
1
10
100
Ground Current
320
280
0
INPUT VOLTAGE (VOLTS)
240
80
40
0
1
2
3
4
5
6
7
8
120
160
200
I
L= 1mA
I
L= 0
INPUT VOLTAGE (VOLTS)
Input Current
160
150
140
130
70
50
0
120
110
100
90
80
60
40
30
20
10
0
1
2
3
4
5
6
7
8
9 10
R
L=50 Ω
V
OUT = 5V
Quiescent Current
190
170
150
130
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
V
IN =6V
I
L =100uA
Ground Current
16
14
12
0
1
2
3
4
5
6
7
8
INPUT VOLTAGE
10
8
6
4
2
0
I
L =100mA
Ground Current
16
12
8
4
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
V
IN = 6V
I
L = 100mA
LP2950/ LP2951
TYPICAL PERFORMANCE CHARACTERISTIC


Similar Part No. - LP2950AS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2950AC ADMOS-LP2950AC Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
LP2950AC CALOGIC-LP2950AC Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950AC ADMOS-LP2950AC Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2950ACDT ONSEMI-LP2950ACDT Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-3.0 ONSEMI-LP2950ACDT-3.0 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
More results

Similar Description - LP2950AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
B4600 ETC-B4600 Datasheet
192Kb / 6P
   600 mA Low Dropout Voltage Regulators
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVTG4 TI-TPS76150DBVTG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
LP2981-28 TI1-LP2981-28 Datasheet
1Mb / 22P
[Old version datasheet]   100-mA Ultra-Low Dropout Regulators With Shutdown
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com