Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71858 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F71858
Description  Hardware KBC with ACPI, Temp. and Fan Control
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71858 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F71858_09 Datasheet HTML 7Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 8Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 9Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 10Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 11Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 12Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 13Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 14Page - Feature Integration Technology Inc. F71858_09 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
June, 2009
V0.29P
11
F71858
6. Function Description
6.1
Keyboard Controller
The KBC circuit provides the functions included a keyboard and/or a PS/2 mouse, and can be
used with IBM®-compatible personal computers or PS/2-based systems. The controller receives
serial data from the keyboard or PS/2 mouse, checks the parity of the data, and presents the data to
the system as a byte of data in its output buffer. The controller will assert an interrupt to the system
when data are placed in its output buffer.
Output Buffer
The output buffer is an 8-bit read-only register at I/O address 60h. The keyboard controller
uses the output buffer to send the scan code received from the keyboard and data bytes required by
commands to the system.
Input Buffer
The input buffer is an 8-bit write-only register at I/O address 60h or 64h. Writing to address
60h sets a flag to indicate a data write; writing to address 64h sets a flag to indicate a command write.
Data written to I/O address 60h is sent to keyboard through the controller's input buffer only if the
input buffer full bit in the status register is “0”.
Status Register
The status register is an 8-bit read-only register at I/O address 64h that holds information
about the status of the keyboard controller and interface. It may be read at any time.
BIT
BIT FUNCTION
DESCRIPTION
0
Output Buffer Full
0: Output buffer empty
1: Output buffer full
1
Input Buffer Full
0: Input buffer empty
1: Input buffer full
2
System Flag
This bit may be set to 0 or 1 by writing to the system flag bit in the
command byte of the keyboard controller (KCCB). It defaults to
0 after a power-on reset.
3
Command/Data
0: Data byte
1: Command byte


Similar Part No. - F71858_09

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71858AD FINTEK-F71858AD Datasheet
1Mb / 80P
   Hardware Monitor, KBC with GPIO & ACPI
F71858DG FINTEK-F71858DG Datasheet
1Mb / 66P
   Hardware KBC with ACPI, Temp. and Fan Control
More results

Similar Description - F71858_09

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71858 FINTEK-F71858 Datasheet
1Mb / 66P
   Hardware KBC with ACPI, Temp. and Fan Control
F71858AD FINTEK-F71858AD Datasheet
1Mb / 80P
   Hardware Monitor, KBC with GPIO & ACPI
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
logo
Microchip Technology
SCH5627P MICROCHIP-SCH5627P Datasheet
1Mb / 234P
   Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
2020
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com