Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2526 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation SP2526 Datasheet HTML 10Page - Sipex Corporation SP2526 Datasheet HTML 11Page - Sipex Corporation SP2526 Datasheet HTML 12Page - Sipex Corporation SP2526 Datasheet HTML 13Page - Sipex Corporation SP2526 Datasheet HTML 14Page - Sipex Corporation SP2526 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
Figure 8. Output On-Resistance vs. Supply Voltage
Figure 9. Output On-Resistance vs. Temperature
Figure 10. Undervoltage Threshold Voltage vs.
Temperature
Figure 11. Control Threshold vs. Supply Voltage
PERFORMANCE CHARACTERISTICS
V
IN = +5.0V, single MOSFET switch section, and TAMB = +25
OC unless otherwise noted.
Output On-Resistance vs. Supply Voltage
80
84
88
92
96
100
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
Output On-Resistance vs. Temperature
60
70
80
90
100
110
120
-40
-20
0
20
40
60
80
100
Temperature (°C)
Vcc=5V
UVLO Threshold Voltage
vs. Temperature
2.68
2.7
2.72
2.74
2.76
2.78
2.8
2.82
2.84
2.86
2.88
-40
-20
0
20
40
60
80
100
Temperature (°C)
Rising
Falling
Enable Threshold Voltage vs. Supply Voltage
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
Enable Voltage Rising
Enable Voltage Falling


Similar Part No. - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Sipex Corporation
SP2526-1 SIPEX-SP2526-1 Datasheet
118Kb / 8P
   Evaluation Board Manual
SP2526-1EN SIPEX-SP2526-1EN Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
SP2526-1EN/TR SIPEX-SP2526-1EN/TR Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
More results

Similar Description - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
SP2026 SIPEX-SP2026 Datasheet
164Kb / 14P
   2.7V to 5.5V USB Power Control Switch
logo
List of Unclassifed Man...
HI-4850 ETC2-HI-4850 Datasheet
1Mb / 14P
   Extended Power Supply Operating Range 3.0V to 5.5V
HI-4853 ETC2-HI-4853 Datasheet
1Mb / 14P
   Extended Power Supply Operating Range 3.0V to 5.5V
logo
Maxim Integrated Produc...
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
   3.0V to 5.5V Single-Supply Operation
2009
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com