Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2526 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 4 Page - Sipex Corporation

  SP2526 Datasheet HTML 1Page - Sipex Corporation SP2526 Datasheet HTML 2Page - Sipex Corporation SP2526 Datasheet HTML 3Page - Sipex Corporation SP2526 Datasheet HTML 4Page - Sipex Corporation SP2526 Datasheet HTML 5Page - Sipex Corporation SP2526 Datasheet HTML 6Page - Sipex Corporation SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
FEATURES
Features of the SP2526 device include current
limiting, a +2.7V undervoltage lockout, over-
temperature shutdown, error flag output, soft
start, a switch-on resistance of 100m
Ω over the
entire supply range, and a supply current of
100
µA. The SP2526-1 device has an active-
high enable.
The SP2526-2 device has an
active-low enable.
THEORY OF OPERATION
The SP2526 is a dual integrated high-side power
switch optimized for self-powered and bus-
powered Universal Serial Bus (USB) applica-
tions. There are operational conditions that will
enable or disable one or more of the output
MOSFET switches, depending on the type of
hazard. Certain conditions will activate the
open-drain error flag transistors forcing the flag
outputs to ground. The SP2526 provides the
following functions:
1) Independent Solid State Switches: Indepen-
dent MOSFET switches connect the IN pin to
the OUTA and OUTB pins when enabled by
logic signals at the ENA and ENB control pins.
2) Fault Flag Conditions: Both the FLGA and
FLGB pins are N-channel, open-drain MOSFET
outputs capable of sinking a 10mA load to
typically 100mV above ground.
3) Undervoltage Lockout: The lockout mecha-
nism monitors the input voltage and will enable
the MOSFET switches only when the voltage at
the V
IN pin is greater than +2.7V.
4)
Current Limiting Threshold:
A current
limiting threshold prevents damage to the de-
vice and external load.
5) Thermal Shutdown: This mechanism pro-
tects the SP2526 and signals a fault condition if
the die temperature exceeds 135OC (typical).
This function has 10OC of hysteresis that pre-
vents the MOSFET switches from turning on
until the die temperature drops to 125OC (typi-
cal).
Input and Output
The independent solid state MOSFET switches
connect the USB +5.0V supply voltage at the IN
pin to the OUTA and OUTB pins when enabled
by logic signals at ENA and ENB. The IN pin is
the power supply connection to the device and the
drain of the output MOSFET switches.
Typically, the current will flow through the
switches from IN to OUTA and OUTB towards
the load. If V
OUT is greater than VIN when a switch
is enabled, the current will flow from OUTA or
OUTB to the IN pin because the MOSFET chan-
nels are bidirectional when switched on.
Under normal operating condition, the MOSFET
switches will present 100m
Ω maximum resis-
tance when closed. The output MOSFETs and
driver circuitry are designed to allow the MOSFET
source to be externally forced to a higher voltage
than the drain when the switch is off.
Fault Flag Conditions
Fault conditions disable one or both MOSFET
switches, depending on the type of fault. FLGA
and FLGB are N-channel, open-drain MOSFET
outputs. The active low fault flag occurs when
one of the following conditions exist:
1. Undervoltage
2. Overcurrent
3. Overtemperature
Undervoltage Lockout
This voltage lockout mechanism prevents the
MOSFET switches from turning on until V
IN is
greater than +2.7V.
After the switch turns on, if the voltage at V
IN
drops below +2.6V, the lockout circuitry shuts off
both switches and signals the FLGA and FLGB
fault flags. In the undervoltage lockout state, the
FLGA and FLGB pins will be asserted. This
detection functions only when at least one
MOSFET switch is enabled.
Output Current Limiting
The SP2526 has a preset current-limit threshold.
These switch control circuits will implement
current limiting which prevents damage to the
SP2526 and the external load while allowing a


Similar Part No. - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Sipex Corporation
SP2526-1 SIPEX-SP2526-1 Datasheet
118Kb / 8P
   Evaluation Board Manual
SP2526-1EN SIPEX-SP2526-1EN Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
SP2526-1EN/TR SIPEX-SP2526-1EN/TR Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
More results

Similar Description - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
   3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
   3.0V to 5.5V USB Power Control Switch
SP2026 SIPEX-SP2026 Datasheet
164Kb / 14P
   2.7V to 5.5V USB Power Control Switch
logo
List of Unclassifed Man...
HI-4850 ETC2-HI-4850 Datasheet
1Mb / 14P
   Extended Power Supply Operating Range 3.0V to 5.5V
HI-4853 ETC2-HI-4853 Datasheet
1Mb / 14P
   Extended Power Supply Operating Range 3.0V to 5.5V
logo
Maxim Integrated Produc...
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
   3.0V to 5.5V Single-Supply Operation
2009
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com