Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69F618C Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM69F618C
Description  64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F618C Datasheet(HTML) 1 Page - Motorola, Inc

  MCM69F618C Datasheet HTML 1Page - Motorola, Inc MCM69F618C Datasheet HTML 2Page - Motorola, Inc MCM69F618C Datasheet HTML 3Page - Motorola, Inc MCM69F618C Datasheet HTML 4Page - Motorola, Inc MCM69F618C Datasheet HTML 5Page - Motorola, Inc MCM69F618C Datasheet HTML 6Page - Motorola, Inc MCM69F618C Datasheet HTML 7Page - Motorola, Inc MCM69F618C Datasheet HTML 8Page - Motorola, Inc MCM69F618C Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MCM69F618C
1
MOTOROLA FAST SRAM
64K x 18 Bit Flow–Through
BurstRAM Synchronous
Fast Static RAM
The MCM69F618C is a 1M–bit synchronous fast static RAM designed to pro-
vide a burstable, high performance, secondary cache for the 68K Family,
PowerPC
™, 486, i960™, and Pentium™ microprocessors. It is organized as 64K
words of 18 bits each. This device integrates input registers, a 2–bit address
counter, and high speed SRAM onto a single monolithic circuit for reduced parts
count in cache data RAM applications. Synchronous design allows precise cycle
control with the use of an external clock (K). BiCMOS circuitry reduces the overall
power consumption of the integrated functions for greater reliability.
Addresses (SA), data inputs (DQx), and all control signals except output
enable (G) and Linear Burst Order (LBO) are clock (K) controlled through
positive–edge–triggered noninverting registers.
Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst
addresses can be generated internally by the MCM69F618C (burst sequence
operates in linear or interleaved mode dependent upon the state of LBO) and
controlled by the burst address advance (ADV) input pin.
Write cycles are internally self–timed and initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
Synchronous byte write (SBx), synchronous global write (SGW), and syn-
chronous write enable SW are provided to allow writes to either individual bytes
or to both bytes. The two bytes are designated as “a” and “b”. SBa controls DQa
and SBb controls DQb. Individual bytes are written if the selected byte writes SBx
are asserted with SW. Both bytes are written if either SGW is asserted or if all SBx
and SW are asserted.
For read cycles, a flow–through SRAM allows output data to simply flow freely
from the memory array.
The MCM69F618C operates from a 3.3 V power supply and all inputs and
outputs are LVTTL compatible and 5 V tolerant.
• MCM69F618C–8.5 = 8.5 ns Access / 12 ns Cycle
MCM69F618C–9 = 9 ns Access / 12 ns Cycle
MCM69F618C–10 = 10 ns Access / 15 ns Cycle
MCM69F618C–12= 12 ns Access / 16.6 ns Cycle
• Single 3.3 V + 10%, – 5% Power Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• 5 V Tolerant on all Pins (Inputs and I/Os)
• 100–Pin TQFP Package
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
i960 and Pentium are trademarks of Intel Corp.
Order this document
by MCM69F618C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM69F618C
TQ PACKAGE
TQFP
CASE 983A–01
REV 2
2/18/98
© Motorola, Inc. 1998


Similar Part No. - MCM69F618C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ10 MOTOROLA-MCM69F536CTQ10 Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ10R MOTOROLA-MCM69F536CTQ10R Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ12 MOTOROLA-MCM69F536CTQ12 Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ12R MOTOROLA-MCM69F536CTQ12R Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F618C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com