Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05656.63.10 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 05656.63.10
Description  Type SRDT . 50 Amps . 60?C . 300 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

05656.63.10 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  05656.63.10 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
56
Application-Specific Extension Cords
Cord & Cordset
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
05604.63.10
3
2#6 & 1#8
4
Gray
250
50
12500
10-50P
12
1.8
22
079407056040
05606.63.10
3
2#6 & 1#8
6
Gray
250
50
12500
10-50P
12
2.6
31
079407056064
00604.63.01
4
2#6 & 2#8
4
Black
250
50
12500
14-50P
12
2.2
27
079407006045
00606.63.01
4
2#6 & 2#8
6
Black
250
50
12500
14-50P
6
3.2
19
079407006069
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
05654.63.10
3
3#10
4
Gray
250
30
7500
10-30P
12
1.2
14
079407056545
05656.63.10
3
3#10
6
Gray
250
30
7500
10-30P
12
1.5
18
079407056569
01004.63.01
4
4#10
4
Black
250
30
7500
14-30P
12
1.5
18
079407010042
01006.63.01
4
4#10
6
Black
250
30
7500
14-30P
6
2.1
12
079407010066
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
PLUG
CONFIG.
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
04194.60.17
3
14
3
Beige
125
15
1875
Straight
5-15P 24
0.3
8
079407041947
04195.60.17
3
14
6
Beige
125
15
1875
Straight
5-15P 24
0.6
15
079407041657
04199.60.17
3
12
6
Beige
250
20
5000 Right Angle 6-20P 24
0.9
22
079407041992
Product Construction:
Conductor:
• 8 AWG through 6 AWG stranded
bare copper per ASTM B-174
Insulation:
• Premium-grade PVC; black or gray
Applications:
• Ranges in homes built prior to
1997 (3-conductor)
• Ranges in homes built after 1997
(4-conductor)
Features:
• Right-angle cap
• Eyelet ends for safer hookups
• Strain-relief clamp protects
cord from damage caused by
pulling or stretching
Industry Approvals:
• UL Listed
Product Construction:
Conductor:
• 10 AWG stranded bare copper per
ASTM B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; black or gray
Applications:
• Dryers in homes built prior to
1997 (3-conductor)
• Dryers in homes built after 1997
(4-conductor)
Features:
• Right-angle cap
• Eyelet ends for safer hookups
Features (cont’d):
• Strain-relief clamp protects
cord from damage caused by
pulling or stretching
Industry Approvals:
• UL Listed
• Meets revised 1997 NEC
requirements
Product Construction:
Conductor:
• 12 AWG and 14 AWG stranded bare
copper per ASTM B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; beige
Applications:
• For replacement use with air
conditioners
Features:
• Conductor stripped 5/8”
• Free end slit 1 1/2”
Industry Approvals:
• UL Listed
Dryer Cords
Type SRDT • 30 Amps • 60˚C • 300 Volts
Air Conditioner Replacement Cords
3-Conductor Grounded • Type SPT-3 • 60˚C • 300 Volts
Range Cords
Type SRDT • 50 Amps • 60˚C • 300 Volts


Similar Part No. - 05656.63.10

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0565600000 WEIDMULLER-0565600000 Datasheet
899Kb / 20P
   Accessories
More results

Similar Description - 05656.63.10

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
00436.63.17 GENERAL-00436.63.17 Datasheet
80Kb / 1P
   3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts
logo
KIA Semiconductor Techn...
50N06 KIA-50N06 Datasheet
338Kb / 6P
   50 Amps, 60 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06_11 Datasheet
330Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06_13 Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
General Cable Technolog...
01278.70.01 GENERAL-01278.70.01 Datasheet
79Kb / 1P
   3-Conductor Grounded . Type SJ, SJOW and SJOOW . 60?C . 300 Volts
logo
Solid States Devices, I...
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
   50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SPD605 SSDI-SPD605 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com