Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-165051-10-8A Datasheet(PDF) 43 Page - Tyco Electronics

Part # M-165051-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-165051-10-8A Datasheet(HTML) 43 Page - Tyco Electronics

Back Button M-165051-10-8A Datasheet HTML 39Page - Tyco Electronics M-165051-10-8A Datasheet HTML 40Page - Tyco Electronics M-165051-10-8A Datasheet HTML 41Page - Tyco Electronics M-165051-10-8A Datasheet HTML 42Page - Tyco Electronics M-165051-10-8A Datasheet HTML 43Page - Tyco Electronics M-165051-10-8A Datasheet HTML 44Page - Tyco Electronics M-165051-10-8A Datasheet HTML 45Page - Tyco Electronics M-165051-10-8A Datasheet HTML 46Page - Tyco Electronics M-165051-10-8A Datasheet HTML 47Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
128
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
K Kapton® labels
Dot Matrix
Tyco Electronics K is a dot matrix printable, 2 mil thick tan
polyimide (Kapton
®) with a permanent acrylic adhesive that is ideal
for high temperature labeling requirements such as printed circuit
boards. It is suitable for direct wave (bottom side) and IR reflow
(top side) PCB applications, and is designed to withstand the
fluxes, cleaning solvents and molten solder encountered in the
manufacture of printed circuit boards. With a flash exposure
service temperature of +538°C (+1000°F), K is suitable for the
harshest high temperature applications. For reliable print
performance and durability, use with Tyco Electronics1892BK01
ribbon.
Features and benefits
I Dot matrix printable
I Matte finish for better print contrast
I Product approved for aerospace/defense applications
I Exceptional durability and tear resistance
I High temperature permanent acrylic adhesive
I Superior solvent and UV resistance
I Low outgassing
Specifications
TTDS-007
Adhesive
Permanent acrylic
Service temperature*
–40°C to +260°C
–40°F to +500°F
*Flash exposure to +538°C (+1000°F)
Recommended printer AM6310
Recommended ribbon 1892BK01
K-064064 -10-1A
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family


Similar Part No. - M-165051-10-8A

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
M-1600 MOXA-M-1600 Datasheet
350Kb / 6P
   Remote I/O modules
M-1601 MOXA-M-1601 Datasheet
350Kb / 6P
   Remote I/O modules
More results

Similar Description - M-165051-10-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com