Selected language     English  ▼


M-191064-10-8A Datasheet(PDF) 7 Page - Tyco Electronics

Part No. M-191064-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 7 page
background image
92
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HW High tack white polyester labels
Thermal Transfer
Thermal Transfer
Ordering information
Tyco Electronics HW is a thermal transfer printable white polyester
film with a high tack permanent acrylic adhesive. Designed for
application to rough surfaces or where increased adhesion is
required, HW is also excellent for bar-coding, electronic PCB,
component and general labeling applications. The high tack
adhesion of HW will bond to the most demanding surfaces,
including textured and contoured surfaces. For reliable print
performance and durability, use with Tyco Electronics
1330-0607 ribbon.
Features and benefits
I Thermal transfer printable
I Aggressive adhesive for textured and powdered surfaces
I UL Listed
Specifications/Approvals
Tyco Electronics
TTDS -076
Industry
UL MH17292 Group PGJI2
Adhesive
Permanent acrylic
Service temperature
–40°C to +150°C
–40°F to +302°F
Recommended printer T300 Series printers
Recommended ribbon 1330-0607-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
HW- 064064-25- 9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
HW-040040-25-9
25,000
20
4.0
0.157
4.0
0.157
4.0
0.157
7.2
0.281
86.0
3.380
HW-064064-25-9
25,000
12
6.4
0.250
6.4
0.250
6.4
0.250
9.5
0.375
82.2
3.240
* HW-080080-10-9
10,000
8
8.0
0.315
8.0
0.315
9.9
0.390
13.3
0.525
83.3
3.280
HW-089047-10-9
10,000
5
8.9
0.350
4.7
0.186
11.4
0.450
7.9
0.313
60.6
2.386
HW-095080-25-9
25,000
5
9.5
0.375
8.0
0.315
12.2
0.480
12.7
0.500
64.3
2.531
HW-095095-10-9
10,000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
82.1
3.230
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl