Selected language     English  ▼


M-203127-10-8A Datasheet(PDF) 9 Page - Tyco Electronics

Part No. M-203127-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
94
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HM High tack metalized polyester labels
Thermal Transfer
Ordering information
Tyco Electronics HM is a thermal transfer printable metalized
polyester film with a high tack permanent acrylic adhesive,
designed for application to rough surfaces or where increased
adhesion is required, and applications that require a metal look
such as rating plates. The high tack adhesion of HM will bond to
the most demanding surfaces, including textured and contoured
surfaces. For reliable print performance and durability, use with
Tyco Electronics 1330-0607 series ribbon.
Features and benefits
I Thermal transfer printable
I Aggressive adhesive which permanently bonds to both high
and low surface energy plastics
I UL Listed
Specifications/Approvlas
Tyco Electronics
TTDS -075
Industry
UL MH17292 Group PGJI2
Adhesive
Permanent acrylic
Service temperature
–40°C to +150°C
–40°F to +302°F
Recommended printer T300 Series printers
Recommended ribbon 1330-0607-10*
*Alternative printers and ribbons are available for
special applications. Contact Tyco Electronics
Identification for more information.
HM- 080080-10- 8A
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
HM-040040-25-8A
25,000
20
4.0
0.157
4.0
0.157
4.0
0.157
7.2
0.281
86.0
3.380
HM-064064-25-8A
25,000
12
6.4
0.250
6.4
0.250
6.4
0.250
9.5
0.375
82.2
3.240
* HM-080080-10-8A
10,000
8
8.0
0.315
8.0
0.315
9.9
0.390
13.3
0.525
83.3
3.280
HM-089047-10-8A
10,000
5
8.9
0.350
4.7
0.185
11.4
0.450
7.9
0.313
60.6
2.386
HM-095080-25-8A
25,000
5
9.5
0.375
8.0
0.315
12.2
0.480
12.7
0.500
64.3
2.531
HM-095095-10-8A
10,000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
82.1
3.230
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl