Selected language     English  ▼


M-203127-10-8A Datasheet(PDF) 5 Page - Tyco Electronics

Part No. M-203127-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 5 page
background image
90
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
CP Clear polyester labels
Thermal Transfer
Ordering information
CP is a thermal transfer printable clear polyester film with a permanent
acrylic adhesive and can be used as an over laminate. Designed for
rating plates, nameplates, equipment labels, serial number plates and
general labeling applications that require a high durability transparent
label. For reliable print performance and durability, use with Tyco
Electronics 1330-0607 ribbon.
Features and benefits
I Thermal transfer printable
I Ideal for general labeling applications
Specifications/approvals
Tyco Electronics
TTDS -083
Adhesive
Permanent acrylic
Service temperature
–40°C to +150°C
–40°F to +302°F
Recommended Printer T300 Series printers
Recommended Ribbon 1330-0607-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
CP - 762508-25- X
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
CP-165051-25-X
25,000
4
16.5
0.650
5.1
0.200
17.8
0.700
8.3
0.325
75.8
2.990
CP-191064-10-X
10,000
4
19.1
0.750
6.4
0.250
21.6
0.850
9.5
0.375
89.9
3.540
CP-229064-10-X
10,000
3
22.9
0.900
6.4
0.250
28.6
1.125
9.5
0.375
86.0
3.390
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl