Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A103P4HWQ0Q Datasheet(PDF) 1 Page - Tyco Electronics

Part # A103P4HWQ0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A103P4HWQ0Q Datasheet(HTML) 1 Page - Tyco Electronics

  A103P4HWQ0Q Datasheet HTML 1Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 2Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 3Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 4Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 5Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 6Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 7Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 8Page - Tyco Electronics A103P4HWQ0Q Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
C22
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Part Number Matrix
DESIGN
"A" SERIES DESIGN FEATURES
• Toggle – Machined brass, heavy nickel plated.
• Bushing & Frame – Rigid one-piece die cast, copper flashed, heavy
nickel plated.
• Fixed Contact – Welded construction.
• Terminal Seal – Epoxy sealing of terminals is standard.
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold/gold flash
Silver/tin lead
Case Material ..........................Thermoset
Terminal Seal ..........................Epoxy
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Silver: 2 A @ 250 VAC or 5 A @ 125 VAC
Silver: 2 A @ 30 VDC
Gold: 0.4 VA @ 20 VAC/DC max.
Insulation Resistance ..............1,000 Megohms min. @ 500 VDC.
Dielectric Strength ..................1,000 Volts RMS @ sea level initial
Electrical Life ..........................Up to 30,000 Cycles
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............-4°F to + 185°F (-20°C to + 85°C)
Storage Temperature................-49°F to + 212°F (-45°C to + 100°C)
Note: Hardware included with switch
.240
(6.10)
Keyway
25
.250
(6.35)
Dia.
.033
(.838)
.022
(.559)
25
°
.250
(6.35)
Dia.
.234
(5.94)
.250
(6.35)
Dia.
.094
(2.39)
Keyway
.500
(12.70)
.270
(6.86)
.500
(12.70)
.450
(6.10)
.030
(.762)
TYP.
.185
(4.70)
Typ.
.358
(9.09)
.030
(.762)
TYP.
.185
(4.70)
Typ.
.358
(9.09)
.060
(1.52)
.080
(.2.03)
Typ.
3
2
1
.080
(.2.03)
Typ.
3
2
1
6
5
4
.190
(4.83)
.040
(1.02)
With Standard
Locking Ring
Without Locking Ring
Without Locking Ring
Wire Lug
Right Angle
Vertical Right
Angle
Printed Circuit
Vertical
Wire Wrap
Support
Quick Connect
S
Bat. Long
K
Locking
K1
Locking
M
Bat. Short
P3
Flatted
(with Y only)
P4
Flatted
(with Y only)
T
Large Toggle
& Bushing (15/32)
T1
Large Toggle
& Bushing (15/32)
T2P Large Flatted
Toggle and
Bushing (15/32)
A1 Single Pole
A2 Double Pole
01
On-On
03
On-Off-On
05
(On)-Off-(On)
07
On-Off-(On)
08
On-(On)
11
On-On-On
13
On-On-(On)
15
(On)-On-(On)
See page C23 for SP3T wiring diagram.
PART NUMBERING
Model
Function
Toggle
Bushing
Terminal
Contact
K, K1:
Cap Color
Option
Y
1/4-40 threaded,
.35” long, slotted
unthreaded, .35” long
1/4-40 threaded, .37” long,
actuator & bushing flange
environmental seals S & M
Toggles only
1/4-40 threaded,
.28” long, slotted
Unthreaded, .28” long
1/4-40 threaded,
flanged, .30” long
Y9
CW
D
D9
H
(Nickel Standard)
B
Silver
Gold
Gold over
Silver
G
Q
Z
A
V30
V40
V90
W
Z3
AV2
C
0 Black
2 Red
U.L.(Q or G
contact only)
Other Options
Black finish toggle, bushing and
hardware. Add “N” to end of
part number, but before
U.L. option.
Internal O-ring environmental
actuator seal. Add letter after
toggle option: S & M.
Anti-Push-In/Anti rotate.
Add letter after toggle
S & M.
O
P
N
Note: For surface mount termination,
use the “TST” series, Page C7


Similar Part No. - A103P4HWQ0Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
A103 CK-COMPONENTS-A103 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A103P4HWQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com