Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-381191-10-8A Datasheet(PDF) 14 Page - Tyco Electronics

Part # M-381191-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-381191-10-8A Datasheet(HTML) 14 Page - Tyco Electronics

Back Button M-381191-10-8A Datasheet HTML 10Page - Tyco Electronics M-381191-10-8A Datasheet HTML 11Page - Tyco Electronics M-381191-10-8A Datasheet HTML 12Page - Tyco Electronics M-381191-10-8A Datasheet HTML 13Page - Tyco Electronics M-381191-10-8A Datasheet HTML 14Page - Tyco Electronics M-381191-10-8A Datasheet HTML 15Page - Tyco Electronics M-381191-10-8A Datasheet HTML 16Page - Tyco Electronics M-381191-10-8A Datasheet HTML 17Page - Tyco Electronics M-381191-10-8A Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
99
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HMM High Tack Matte Metalized Polyester Labels
Thermal Transfer
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
HMM-254127-10-8A
10,000
3
25.4
1.000
12.7
0.500
27.9
1.100
16.9
0.666
87.4
3.440
HMM-254254-10-8A
10,000
3
25.4
1.000
25.4
1.000
27.9
1.100
28.6
1.125
87.4
3.440
HMM-318064-10-8A
10,000
1
31.8
1.250
6.4
0.250
N/A
N/A
9.5
0.375
37.9
1.490
HMM-381064-10-8A
10,000
1
38.1
1.500
6.4
0.250
N/A
N/A
9.5
0.375
44.5
1.750
* HMM-381127-5-8A
5,000
2
38.1
1.500
12.7
0.500
44.2
1.738
15.9
0.625
88.2
3.472
HMM-381191-5-8A
5,000
2
38.1
1.500
19.1
0.750
43.2
1.700
22.2
0.875
87.6
3.450
* HMM-406254-1.5-8A
1,500
2
40.6
1.600
25.4
1.000
55.9
2.200
38.1
0.500
102.9
4.050
HMM-508064-10-8A
10,000
1
50.8
2.000
6.4
0.250
N/A
N/A
9.5
0.375
56.9
2.240
HMM-508095-5-8A
5,000
1
50.8
2.000
9.5
0.375
N/A
N/A
12.7
0.500
57.2
2.250
HMM-508127-5-8A
5,000
1
50.8
2.000
12.7
0.500
N/A
N/A
15.9
0.625
56.9
2.240
HMM-508254-5-8A
5,000
1
50.8
2.000
25.4
1.000
N/A
N/A
28.6
1.125
57.2
2.250
HMM-508318-2.5-8A
2,500
1
50.8
2.000
31.8
1.250
N/A
N/A
34.9
1.375
56.9
2.240
HMM-508508-3-8A
3,000
1
50.8
2.000
50.8
2.000
N/A
N/A
54.6
2.150
54.0
2.130
HMM-699254-5-8A
5,000
1
69.9
2.750
25.4
1.000
N/A
N/A
28.6
1.125"
76.2
3.000
HMM-762254-5-8A
5,000
1
76.2
3.000
25.4
1.000
N/A
N/A
28.6
1.125"
82.3
3.240
HMM-762381-2.5-8A
2,500
1
76.2
3.000
38.1
1.500
N/A
N/A
41.3
1.625
82.3
3.240
HMM-762508-2.5-8A
2,500
1
76.2
3.000
50.8
2.000
N/A
N/A
54.0
2.125
82.3
3.240
HMM-101635-2.5-8A
2,500
1
101.6
4.000
63.5
2.500
N/A
N/A
66.7
2.625
107.7
4.240
HMM-101101-1.3-8A
1,300
1
101.6
4.000
101.6
4.000
N/A
N/A
104.8
4.125
104.1
4.100
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


Similar Part No. - M-381191-10-8A

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
M-3810 MOXA-M-3810 Datasheet
350Kb / 6P
   Remote I/O modules
More results

Similar Description - M-381191-10-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com