Electronic Components Datasheet Search |
|
M-381191-10-8A Datasheet(PDF) 27 Page - Tyco Electronics |
|
M-381191-10-8A Datasheet(HTML) 27 Page - Tyco Electronics |
27 / 48 page 112 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Kapton® labels Thermal Transfer Tyco Electronics polyimide (Kapton ®) labels are all ideal for high temperature labeling requirements such as printed circuit boards. They are suitable for direct wave (bottom side) and IR reflow (top side) PCB applications. Tyco Electronics Kapton ® labels are designed to withstand the fluxes, cleaning solvents and molten solder encountered in the manufacture of printed circuit boards. They offer excellent contrast for bar code applications. Tyco Electronics Kapton ® labels are suitable for the harshest high temperature applications. For reliable print performance and durability, use with Tyco Electronics’s 1330-0619 ribbon. Features and benefits I UL Listed: T1K and T2K I Thermal transfer printable I High temperature permanent acrylic adhesive T1K I Gloss white topcoat I Withstands surface mount board processes on either the top or bottom side of the board I Low profile 1 mil film offers polyimide thermal performance at competitive cost I Ideal for manual apply applications T2K I Gloss white topcoat I Withstands surface mount board processes on either the top or bottom side of the board I Ideal for auto apply applications KTT I Matte tan topcoat I Withstands surface mount board processes on either the top or bottom side of the board I Product approved for aerospace/defense applications. I Low outgassing TSK I High opacity gloss white topcoat I Withstands surface mount board processes on either the top or bottom side of the board I Deemed to be a static safe product in accordance with EIA 625, EIA 541. Test methods employed were in accordance with EOS/ESD S11.11 I Ideal for auto apply applications Specifications/Approvals Tyco Electronics T1K TTDS--034 T2K TTDS--035 TSK TTDS--085 Industry UL T1K MH17292 Group PGJI2 T2K MH17292 Group PGJI2 Adhesive Permanent acrylic Service temperature T1K 1, T2K2, –40°C to +260°C –40°F to +500°F TSK 2, KTT2 1 Flash exposure to +472°C (+800°F) 2 Flash exposure to +538°C (+1000°F) Recommended printer T1K, T2K, TSK, T2Y T312S* KTT Recommended ribbon 1330-0619-10* * Alternative printers and ribbons are available for special applications. Contact Tyco Electronics Identification for more information. T1K- 044033-10 - 9 Part numbering system Color Pack size Label height (mm) Label width (mm) Product family |
Similar Part No. - M-381191-10-8A |
|
Similar Description - M-381191-10-8A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |