Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-381191-10-8A Datasheet(PDF) 41 Page - Tyco Electronics

Part # M-381191-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-381191-10-8A Datasheet(HTML) 41 Page - Tyco Electronics

Back Button M-381191-10-8A Datasheet HTML 37Page - Tyco Electronics M-381191-10-8A Datasheet HTML 38Page - Tyco Electronics M-381191-10-8A Datasheet HTML 39Page - Tyco Electronics M-381191-10-8A Datasheet HTML 40Page - Tyco Electronics M-381191-10-8A Datasheet HTML 41Page - Tyco Electronics M-381191-10-8A Datasheet HTML 42Page - Tyco Electronics M-381191-10-8A Datasheet HTML 43Page - Tyco Electronics M-381191-10-8A Datasheet HTML 44Page - Tyco Electronics M-381191-10-8A Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
126
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
M Metalized polyester labels
Dot Matrix
Tyco Electronics M is a dot matrix printable metalized polyester
film with a permanent acrylic adhesive that is designed for rating
plate applications and other applications that require a “metal look”
such as nameplates, rating plates and equipment labels to detail
product information and serial numbers. M is UL Listed and its
print performance and durability are reliable when used with Tyco
Electronics 1892BK01 ribbon.
Features and benefits
I Dot matrix printable
I Exceptional durability and strength
I Matte finish ink receptive coating for better contrast
I Resistant to oil, water and several common fluids
I UL Listed
Specifications/Approvals
Tyco Electronics
TTDS-072
Industry
UL MH17292 Group PGGU2MH14363
Adhesive
Permanent acrylic
Service temperature
–53°C to +93°C
–65°F to +200°F
Recommended printer AM6310
Recommended ribbon 1892BK01
M-064064 -10-8A
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family


Similar Part No. - M-381191-10-8A

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
M-3810 MOXA-M-3810 Datasheet
350Kb / 6P
   Remote I/O modules
More results

Similar Description - M-381191-10-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com