Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-673349-3-8A Datasheet(PDF) 35 Page - Tyco Electronics

Part # M-673349-3-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-673349-3-8A Datasheet(HTML) 35 Page - Tyco Electronics

Back Button M-673349-3-8A Datasheet HTML 31Page - Tyco Electronics M-673349-3-8A Datasheet HTML 32Page - Tyco Electronics M-673349-3-8A Datasheet HTML 33Page - Tyco Electronics M-673349-3-8A Datasheet HTML 34Page - Tyco Electronics M-673349-3-8A Datasheet HTML 35Page - Tyco Electronics M-673349-3-8A Datasheet HTML 36Page - Tyco Electronics M-673349-3-8A Datasheet HTML 37Page - Tyco Electronics M-673349-3-8A Datasheet HTML 38Page - Tyco Electronics M-673349-3-8A Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
120
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
EP Economy paper labels
Thermal Transfer
Tyco Electronics EP is a thermal transfer printable paper with a
permanent adhesive, designed for use in general purpose labeling
applications requiring a low cost label material. EP has an
aggressive adhesive for bonding to corrugated, films and plastic
materials, and it is ideal for labeling in mild environments. The
ultra-smooth finish is excellent for bar coding applications. EP
remains bonded permanently to most surfaces and typically
results in label or substrate tear when removal is attempted. For
reliable print performance use with Tyco Electronics
1330-0600 ribbon.
Features and benefits
I Thermal transfer printable
I Ultra-smooth coated facestock
I Versatile adhesive with excellent initial tack
I Several die-cut sizes available
Specifications/Approvals
Industry
UL MH17001 Group PGDQ2
Adhesive
Permanent rubber-based
Service temperature
–53°C to +93°C
–65°F to +200°F
Recommended printer T308S*
Recommended ribbon 1330-0600-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
EP 101 508 2.5 9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family


Similar Part No. - M-673349-3-8A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
M-606 LITTELFUSE-M-606 Datasheet
277Kb / 1P
   MARINE PUSH PULL SWITCHES
2019 Rev: 021219
M-608 LITTELFUSE-M-608 Datasheet
249Kb / 1P
   PUSH-BUTTON SWITCHES
2016 Rev: 120116
M-608 LITTELFUSE-M-608 Datasheet
249Kb / 1P
   PUSH-BUTTON SWITCHES
2016 Rev: 120116
M-608 LITTELFUSE-M-608 Datasheet
277Kb / 1P
   MARINE PUSH PULL SWITCHES
2019 Rev: 021219
logo
NEC
M-608T NEC-M-608T Datasheet
2Mb / 45P
   DC Line Fileters
More results

Similar Description - M-673349-3-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com