Electronic Components Datasheet Search |
|
E-699318-2.5-9 Datasheet(PDF) 13 Page - Tyco Electronics |
|
E-699318-2.5-9 Datasheet(HTML) 13 Page - Tyco Electronics |
13 / 48 page 98 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 HMM High Tack Matte Metalized Polyester Labels Thermal Transfer Ordering information HMM is a high performance thermal transfer printable matte metalized polyester with an aggressive high tack permanent acrylic adhesive. Designed for applications such as rating plates and serial plates that require high adhesion to textured surfaces, metals low surface energy plastics and powder coated surfaces. The matte surface provides excellent mark permanence and the high tack adhesion of HMM will bond to the most demanding surfaces. For reliable print performance and durability, use with Tyco Electronics 1330-0607 series ribbon. Features and benefits I Thermal transfer printable I Ideal for rating plate applications I Ultra aggressive adhesive for application to textured and powder coated surfaces I UL Listed Specifications/Approvals Tyco Electronics TTDS -118 Industry UL MH17292 Group PGJI2 Adhesive Permanent acrylic - High Tack Service temperature –40°C to +150°F –40°F to +302°F Recommended printer T300 Series printers Recommended ribbon 1330-0607-10* *Alternative printers and ribbons are available for special applications. Contact Tyco Electronics Identification for more information. HMM- 508254- 5 - 8A Part numbering system Color Pack size Label height (mm) Label width (mm) Product family Product dimensions Product Package Labels Label width (A) Label height (B) Horizontal repeat (C) Vertical repeat (D) Web width (E) order code quantity across mm inches mm inches mm inches mm inches mm inches HMM-095095-10-8A 10,000 7 9.5 0.375 9.5 0.375 11.1 0.437 12.7 0.500 82.1 3.230 HMM-127127-10-8A 10,000 5 12.7 0.500 12.7 0.500 15.9 0.625 15.9 0.625 82.6 3.250 * HMM-165051-25-8A 25,000 4 16.5 0.650 5.1 0.200 17.8 0.700 8.3 0.325 75.8 2.990 * HMM-191064-10-8A 10,000 4 19.1 0.750 6.4 0.250 21.6 0.850 9.5 0.375 89.9 3.540 HMM-229064-10-8A 10,000 3 22.9 0.900 6.4 0.250 28.6 1.125 9.5 0.375 86.0 3.390 HMM-254097-10-8A 10,000 3 25.4 1.000 9.7 0.380 27.9 1.100 12.7 0.500 87.4 3.440 ** N NO OT TE E:: S Stta an nd da arrd d F Fo orrm ma att N No ott C Co om mp pa attiib blle e w wiitth h T T2 20 00 0 P Prriin ntte errss |
Similar Part No. - E-699318-2.5-9 |
|
Similar Description - E-699318-2.5-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |