Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-699318-2.5-9 Datasheet(PDF) 40 Page - Tyco Electronics

Part # E-699318-2.5-9
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

E-699318-2.5-9 Datasheet(HTML) 40 Page - Tyco Electronics

Back Button E-699318-2.5-9 Datasheet HTML 36Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 37Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 38Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 39Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 40Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 41Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 42Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 43Page - Tyco Electronics E-699318-2.5-9 Datasheet HTML 44Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
125
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C Vinyl cloth labels
Dot Matrix
Ordering information
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
C-064064-10-9
10,000
20
6.4
0.250
6.4
0.250
6.4
0.250
8.5
0.333
152.4
6.000
C-076191-10-9
10,000
16
7.6
0.300
19.1
0.750
7.6
0.300
25.4
1.000
147.3
5.800
C-080080-10-9
10,000
10
8.0
0.315
8.0
0.315
8.0
0.315
12.7
0.500
105.4
4.150
C-095095-10-9
10,000
16
9.5
0.375
9.5
0.375
12.7
0.500
12.7
0.500
226.1
8.900
C-165051-10-9
10,000
10
16.5
0.650
5.1
0.200
20.3
0.800
6.4
0.250
224.8
8.850
C-191064-10-9
10,000
9
19.1
0.750
6.4
0.250
22.9
0.900
8.5
0.333
227.3
8.950
C-203127-10-9
10,000
10
20.3
0.800
12.7
0.500
20.3
0.800
15.9
0.625
228.6
9.000
C-203365-10-9
10,000
6
20.3
0.800
36.5
1.437
22.9
0.900
38.1
1.500
160.0
6.300
C-229064-10-9
10,000
8
22.9
0.900
6.4
0.250
25.4
1.000
8.5
0.333
226.1
8.900
C-254095-10-9
10,000
7
25.4
1.000
9.5
0.375
27.9
1.100
12.7
0.500
218.4
8.600
C-254127-10-9
10,000
7
25.4
1.000
12.7
0.500
27.9
1.100
16.9
0.666
218.4
8.600
C-381064-10-S1-9
10,000
4**
38.1
1.500
6.4
0.250
45.7
1.800
8.5
0.333
200.7
7.900
C-508095-5-9
5,000
3
50.8
2.000
9.5
0.375
53.3
2.100
12.7
0.500
182.9
7.200
C-533064-5-9
5,000
3
53.3
2.100
6.4
0.250
55.9
2.200
8.5
0.333
190.5
7.500
C-533114-5-9
5,000
3
53.3
2.100
11.4
0.450
55.9
2.200
14.7
0.579
190.5
7.500
**Perforated


Similar Part No. - E-699318-2.5-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E-600 ETC2-E-600 Datasheet
36Kb / 1P
   STANDARD TOLERANCE
E-600 ETC2-E-600 Datasheet
280Kb / 1P
   ECON-O-GIDE PRESS-IN CARD GUIDE
E-600-CI ETC2-E-600-CI Datasheet
116Kb / 1P
   ECON-O-GIDE PRESS-IN CARD GUIDE W/CONDUCTIVE INSERT
logo
Henkel Korea Limited.
E-60NC HENKEL-E-60NC Datasheet
26Kb / 2P
   Hysol® Product E-60NC
2001
logo
Molex Electronics Ltd.
E-6471-021 MOLEX2-E-6471-021 Datasheet
440Kb / 9P
   2.54mm (.100) Pitch KK짰 Crimp Terminal Housing, Friction Ramp, 2 Circuits, Use with 4809
More results

Similar Description - E-699318-2.5-9

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com