Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6949YJ15 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6949YJ15
Description  1M x 4 Bit Static Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6949YJ15 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM6949YJ15 Datasheet HTML 2Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 3Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 4Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 5Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 6Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 7Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 8Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 9Page - Motorola, Inc MCM6949YJ15 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MCM6949
7
MOTOROLA FAST SRAM
tAXQX
tAVAV
tAVQV
DATA VALID
PREVIOUS DATA VALID
A (ADDRESS)
Q (DATA OUT)
READ CYCLE 1 (See Note 8)
Q (DATA OUT)
A (ADDRESS)
E (CHIP ENABLE)
G (OUTPUT ENABLE)
tAVAV
tELQV
tELQX
tEHQZ
tGHQZ
tGLQV
tGLQX
tAVQV
ISB
SUPPLY CURRENT
ICC
HIGH–Z
DATA VALID
READ CYCLE 2 (See Note 4)


Similar Part No. - MCM6949YJ15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS10 MOTOROLA-MCM6946TS10 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS10R MOTOROLA-MCM6946TS10R Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS12 MOTOROLA-MCM6946TS12 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS12R MOTOROLA-MCM6946TS12R Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6949YJ15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6249 MOTOROLA-MCM6249 Datasheet
116Kb / 7P
   1M x4 Bit Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com