Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0070.1411.A2 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 0070.1411.A2
Description  11 - 95 VAC250 - 10000 A 쨌 5 - 20 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0070.1411.A2 Datasheet(HTML) 4 Page - Schurter Inc.

  0070.1411.A2 Datasheet HTML 1Page - Schurter Inc. 0070.1411.A2 Datasheet HTML 2Page - Schurter Inc. 0070.1411.A2 Datasheet HTML 3Page - Schurter Inc. 0070.1411.A2 Datasheet HTML 4Page - Schurter Inc. 0070.1411.A2 Datasheet HTML 5Page - Schurter Inc. 0070.1411.A2 Datasheet HTML 6Page - Schurter Inc. 0070.1411.A2 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image

Varistors
AVTS
www.schurter.com/pg03
Fuses
Rated
Voltage
Rated
Voltage
Disc
size
Peak
Current,
8/0 µs,
 Pulse
Peak
Current,
8/0 µs,
 Pulses
Energy,
0/000 µs
Min. Vol-
tage @ 
mA DC
Max. Vol-
tage @ 
mA DC
Max.
Clamping
Voltage
Peak
Current,
8/0 µs,
Clamping
Typ. Capa-
city @  kHz
Order Number
[VAC]
[VDC]
[mm]
[A]
[A]
[J]
[V]
[V]
[V]
[A]
[pF]
30
38
7
500
250
2.5
42
52
93
2.5
2537
l
0070.3021.xx
30
38
10
1000
500
6.8
42
52
93
5
4673
l
0070.3041.xx
30
38
14
2000
1000
14
42
52
93
10
10144
l
0070.3061.xx
30
38
20
3000
2000
34
42
52
93
20
23215
l
0070.3081.xx
35
45
5
250
125
1.8
50
62
117
1
987
l
0070.3511.xx
35
45
7
500
250
3.4
50
62
110
2.5
2130
l
0070.3521.xx
35
45
10
1000
500
8.1
50
62
110
5
3922
l
0070.3541.xx
35
45
14
2000
1000
16
50
62
110
10
8514
l
0070.3561.xx
35
45
20
3000
2000
41
50
62
110
20
19484
l
0070.3581.xx
40
56
5
250
125
2.2
61
75
138
1
438
l
0070.4011.xx
40
56
7
500
250
5.2
61
75
135
2.5
945
l
0070.4021.xx
40
56
10
1000
500
13
61
75
135
5
1627
l
0070.4041.xx
40
56
14
2000
1000
20
61
75
135
10
3285
l
0070.4061.xx
40
56
20
3000
2000
49
61
75
135
20
7517
l
0070.4081.xx
50
66
5
800
600
3.5
74
90
163
5
364
l
0070.5011.xx
50
66
7
1750
1250
7
74
90
157
10
767
l
0070.5021.xx
50
66
10
3500
2500
14
74
90
147
25
1375
l
0070.5041.xx
50
66
14
6000
5000
28
74
90
147
50
2829
l
0070.5061.xx
50
66
20
10000
7000
56
74
90
147
100
5041
l
0070.5081.xx
60
81
5
800
600
4.5
90
110
190
5
299
l
0070.6011.xx
60
81
7
1750
1250
9
90
110
180
10
629
l
0070.6021.xx
60
81
10
3500
2500
18
90
110
175
25
1128
l
0070.6041.xx
60
81
14
6000
5000
36
90
110
175
50
2319
l
0070.6061.xx
60
81
20
10000
7000
72
90
110
175
100
5264
l
0070.6081.xx
75
102
5
800
600
5.5
108
132
220
5
249
l
0070.7511.xx
75
102
7
1750
1250
11
108
132
220
10
524
l
0070.7521.xx
75
102
10
3500
2500
22
108
132
210
25
940
l
0070.7541.xx
75
102
14
6000
5000
44
108
132
210
50
1933
l
0070.7561.xx
75
102
20
10000
7000
88
108
132
210
100
4387
l
0070.7581.xx
95
127
5
800
600
6.6
135
165
240
5
118
l
0070.9511.xx
95
127
7
1750
1250
13
135
165
255
10
255
l
0070.9521.xx
95
127
10
3500
2500
25
135
165
255
25
469
l
0070.9541.xx
95
127
14
6000
5000
53
135
165
255
50
1019
l
0070.9561.xx
95
127
20
10000
7000
106
135
165
255
100
2331
l
0070.9581.xx
Packaging Unit
.xx=.B1PlasticBag(100pcs.)
.xx=.T2Taped&Reel:
11-95VAC:5+7mmDiscSize1500pieces
11-95VAC:10mmDiscSize1000pieces
11-95VAC:14mmDiscSize1000pieces
11-95VAC:20mmDiscSize500pieces
.xx=.A2AmmoPack
11-95VAC:5+7mmDiscSize1500pieces
11-95VAC:10mmDiscSize1000pieces
11-95VAC:14mmDiscSize1000pieces
11-95VAC:20mmDiscSize500pieces


Similar Part No. - 0070.1411.A2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
007095-000 MACOM-007095-000 Datasheet
303Kb / 4P
   TINEL - LOCK ADAPTER
More results

Similar Description - 0070.1411.A2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.1221.B1 SCHURTER-0071.1221.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
UMF250 SCHURTER-UMF250 Datasheet
472Kb / 2P
   IEC 60127-4 쨌 250 VAC 쨌 125 VDC 쨌 Quick-Acting F
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
logo
TOKYO SEIMITSU CO., LTD
DM44026 ACCRETECH-DM44026 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
   SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor 쨌 M8 thread
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com