Electronic Components Datasheet Search
Selected language     English  ▼


B-040-30-N Datasheet(PDF) 1 Page - Tyco Electronics

Part No. B-040-30-N
Description  SPECIFICATION CONTROL DRAWING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE:
COAXIAL SOLDERSLEEVE DEVICE
WITH PRE-INSTALLED STRANDED WIRES
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
B-040-GA-N
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
3
DRAWN BY:
M. FORONDA
REPLACES:
D000433
DCR NUMBER:
D000581
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Revision
Component Dimensions
“GA”
Cable Dimensions
Product
Name
L
max
øA
min
øB
min
øC
min
Wire Gauge
(AWG)
øD
øE
øF
min
G±0.5
(G±0.02)
M±0.5
(M±0.02)
B-040-20-N
D
20
1.70
1.50
B-040-22-N
D
22
(0.065)
(0.060)
B-040-24-N
D
30.0
4.40
2.80
1.60
24
to
to
0.30
16.0
6.0
B-040-26-N
D
(1.180)
(0.175)
(0.110)
(0.060)
26
4.40
2.80
(0.012)
(0.630)
(0.235)
B-040-28-N
D
28
(0.175)
(0.110)
B-040-30-N
D
30
MATERIALS
1. & 5. INSULATION SLEEVE: Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride. Transparent blue.
2. & 4. SOLDER PREFORMS WITH FLUX:
SOLDER: TYPE Sn63 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI J-STD-004.
3. & 6. MELTABLE RINGS: Thermally stabilized thermoplastic.
7. CONDUCTOR LEAD: MIL-W-22759/32-GA-9, AWG “GA” (see table). ETFE insulated, stranded tin plated copper.
Color: white.
8. GROUND LEAD: MIL-W-22759/32-GA-6, AWG “GA” (see table). ETFE insulated, stranded tin plated copper.
Color: blue.
APPLICATION
1. The parts covered by this SCD are for use in terminating the primary conductor and the braided shield of a coaxial cable
having tin or silver plated conductor and shield, rated for at least 125° C and meeting the dimensional requirements listed.
2. Parts will meet the requirements of Raychem Specification RT-1404 when installed per Raychem RPIP-500-03.
3. Temperature range: -55°C to +150°C.
For best results, prepare
the cable as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl