Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0071.1521.xx Datasheet(PDF) 4 Page - Schurter Inc.

Part # 0071.1521.xx
Description  123-360VAC 800-13000A 5-25MM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0071.1521.xx Datasheet(HTML) 4 Page - Schurter Inc.

  0071.1521.xx Datasheet HTML 1Page - Schurter Inc. 0071.1521.xx Datasheet HTML 2Page - Schurter Inc. 0071.1521.xx Datasheet HTML 3Page - Schurter Inc. 0071.1521.xx Datasheet HTML 4Page - Schurter Inc. 0071.1521.xx Datasheet HTML 5Page - Schurter Inc. 0071.1521.xx Datasheet HTML 6Page - Schurter Inc. 0071.1521.xx Datasheet HTML 7Page - Schurter Inc. 0071.1521.xx Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image

Varistors
AVTP
www.schurter.com/pg03
Fuses
Rated
Voltage
Rated
Voltage
Disc
size
Peak
Current,
8/0 µs,
 Pulse
Peak
Current,
8/0 µs,
 Pulses
Energy,
0/000 µs
Min. Vol-
tage @ 
mA DC
Max. Vol-
tage @ 
mA DC
Max.
Clamping
Voltage
Peak
Current,
8/0 µs,
Clamping
Typ. Capa-
city @  kHz
Order Number
[VAC]
[VDC]
[mm]
[A]
[A]
[J]
[V]
[V]
[V]
[A]
[pF]
)
)
180
230
20
10000
7000
190
255
311
465
100
1548
l
l
l
l
0071.1881.xx
230
300
5
800
600
16
326
397
595
5
68
l
0071.2311.xx
230
300
7
1750
1250
32
326
397
595
10
141
l
l
l
l
0071.2321.xx
230
300
10
3500
2500
65
326
397
595
25
248
l
l
l
l
0071.2341.xx
230
300
14
6000
4500
135
326
397
595
50
504
l
l
l
l
0071.2361.xx
230
300
20
10000
6500
270
326
397
595
100
1134
l
l
l
l
0071.2381.xx
250
330
5
800
600
17
354
432
675
5
62
l
0071.2511.xx
250
330
7
1750
1250
35
354
432
650
10
131
l
l
l
l
0071.2521.xx
250
330
10
3500
2500
70
354
432
650
25
229
l
l
l
l
0071.2541.xx
250
330
14
6000
4500
145
354
432
650
50
465
l
l
l
l
0071.2561.xx
250
330
20
10000
6500
300
354
432
650
100
1047
l
l
l
l
0071.2581.xx
250
330
25
13000
9000
315
354
432
650
100
1901
l
l
0071.2591.xx
270
360
5
800
600
20
382
466
740
5
58
l
0071.2711.xx
270
360
7
1750
1250
40
382
466
710
10
121
l
l
l
l
0071.2721.xx
270
360
10
3500
2500
80
382
466
710
25
213
l
l
l
l
0071.2741.xx
270
360
14
6000
4500
160
382
466
710
50
432
l
l
l
l
0071.2761.xx
270
360
20
10000
6500
325
382
466
710
100
972
l
l
l
l
0071.2781.xx
270
360
25
13000
9000
340
382
466
710
100
1765
l
l
0071.2791.xx
300
390
5
800
600
21
425
518
810
5
52
l
0071.3011.xx
300
390
7
1750
1250
42
425
518
790
10
108
l
l
l
l
0071.3021.xx
300
390
10
3500
2500
85
425
518
790
25
190
l
l
l
l
0071.3041.xx
300
390
14
6000
4500
175
425
518
790
50
386
l
l
l
l
0071.3061.xx
300
390
20
10000
6500
350
425
518
790
100
869
l
l
l
l
0071.3081.xx
300
390
25
13000
9000
360
425
518
790
100
1577
l
l
0071.3091.xx
320
420
10
3500
2500
92
453
553
850
25
179
l
l
l
l
0071.3241.xx
320
420
14
6000
4500
190
453
553
850
50
363
l
l
l
l
0071.3261.xx
320
420
20
10000
6500
385
453
553
850
100
816
l
l
l
l
0071.3281.xx
320
420
25
13000
9000
430
453
553
850
100
1483
l
l
0071.3291.xx
360
470
10
3500
2500
97
522
638
960
25
154
l
l
l
l
0071.3641.xx
360
470
14
6000
4500
205
522
638
960
50
313
l
l
l
l
0071.3661.xx
360
470
20
10000
6500
410
522
638
960
100
704
l
l
l
l
0071.3681.xx
360
470
25
13000
9000
440
522
638
960
100
1278
l
l
0071.3691.xx
1)UL1449-TransientVoltageSurgeSuppressors-Component
2)UL1414-Across-the-lineCapacitors,Antenna-couplingandLine-bypassComponents


Similar Part No. - 0071.1521.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.1521.A2 SCHURTER-0071.1521.A2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.1521.B1 SCHURTER-0071.1521.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.1521.T2 SCHURTER-0071.1521.T2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
More results

Similar Description - 0071.1521.xx

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
logo
SHENZHEN YONGERJIA INDU...
1N6263W WINNERJOIN-1N6263W_15 Datasheet
96Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
SP.1615.25.4.A.02 TAOGLAS-SP.1615.25.4.A.02 Datasheet
873Kb / 16P
   Globalstar 25mm 1615Mhz
logo
SHENZHEN YONGERJIA INDU...
1N5711W WINNERJOIN-1N5711W_15 Datasheet
95Kb / 2P
   SOD-123
BAV16W WINNERJOIN-BAV16W_15 Datasheet
164Kb / 2P
   SOD-123
BAV19W WINNERJOIN-BAV19W_15 Datasheet
115Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
AP.25E.07.0054A TAOGLAS-AP.25E.07.0054A_17 Datasheet
839Kb / 10P
   25mm One Stage GPS
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W_15 Datasheet
102Kb / 2P
   SOD-123
logo
BetLux Electronics
TLS-CTR-RGB BETLUX-TLS-CTR-RGB Datasheet
55Kb / 2P
   105*65*25mm dimension
logo
Taoglas antenna solutio...
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
   25mm Two Stage GPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com