Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0071.1211.T2 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 0071.1211.T2
Description  120 - 360 VAC800 - 13000 A 쨌 5 - 25 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0071.1211.T2 Datasheet(HTML) 4 Page - Schurter Inc.

  0071.1211.T2 Datasheet HTML 1Page - Schurter Inc. 0071.1211.T2 Datasheet HTML 2Page - Schurter Inc. 0071.1211.T2 Datasheet HTML 3Page - Schurter Inc. 0071.1211.T2 Datasheet HTML 4Page - Schurter Inc. 0071.1211.T2 Datasheet HTML 5Page - Schurter Inc. 0071.1211.T2 Datasheet HTML 6Page - Schurter Inc. 0071.1211.T2 Datasheet HTML 7Page - Schurter Inc. 0071.1211.T2 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image

Varistors
AVTP
www.schurter.com/pg03
Fuses
Rated
Voltage
Rated
Voltage
Disc
size
Peak
Current,
8/0 µs,
 Pulse
Peak
Current,
8/0 µs,
 Pulses
Energy,
0/000 µs
Min. Vol-
tage @ 
mA DC
Max. Vol-
tage @ 
mA DC
Max.
Clamping
Voltage
Peak
Current,
8/0 µs,
Clamping
Typ. Capa-
city @  kHz
Order Number
[VAC]
[VDC]
[mm]
[A]
[A]
[J]
[V]
[V]
[V]
[A]
[pF]
)
)
180
230
20
10000
7000
190
255
311
465
100
1548
l
l
l
l
0071.1881.xx
230
300
5
800
600
16
326
397
595
5
68
l
0071.2311.xx
230
300
7
1750
1250
32
326
397
595
10
141
l
l
l
l
0071.2321.xx
230
300
10
3500
2500
65
326
397
595
25
248
l
l
l
l
0071.2341.xx
230
300
14
6000
4500
135
326
397
595
50
504
l
l
l
l
0071.2361.xx
230
300
20
10000
6500
270
326
397
595
100
1134
l
l
l
l
0071.2381.xx
250
330
5
800
600
17
354
432
675
5
62
l
0071.2511.xx
250
330
7
1750
1250
35
354
432
650
10
131
l
l
l
l
0071.2521.xx
250
330
10
3500
2500
70
354
432
650
25
229
l
l
l
l
0071.2541.xx
250
330
14
6000
4500
145
354
432
650
50
465
l
l
l
l
0071.2561.xx
250
330
20
10000
6500
300
354
432
650
100
1047
l
l
l
l
0071.2581.xx
250
330
25
13000
9000
315
354
432
650
100
1901
l
l
0071.2591.xx
270
360
5
800
600
20
382
466
740
5
58
l
0071.2711.xx
270
360
7
1750
1250
40
382
466
710
10
121
l
l
l
l
0071.2721.xx
270
360
10
3500
2500
80
382
466
710
25
213
l
l
l
l
0071.2741.xx
270
360
14
6000
4500
160
382
466
710
50
432
l
l
l
l
0071.2761.xx
270
360
20
10000
6500
325
382
466
710
100
972
l
l
l
l
0071.2781.xx
270
360
25
13000
9000
340
382
466
710
100
1765
l
l
0071.2791.xx
300
390
5
800
600
21
425
518
810
5
52
l
0071.3011.xx
300
390
7
1750
1250
42
425
518
790
10
108
l
l
l
l
0071.3021.xx
300
390
10
3500
2500
85
425
518
790
25
190
l
l
l
l
0071.3041.xx
300
390
14
6000
4500
175
425
518
790
50
386
l
l
l
l
0071.3061.xx
300
390
20
10000
6500
350
425
518
790
100
869
l
l
l
l
0071.3081.xx
300
390
25
13000
9000
360
425
518
790
100
1577
l
l
0071.3091.xx
320
420
10
3500
2500
92
453
553
850
25
179
l
l
l
l
0071.3241.xx
320
420
14
6000
4500
190
453
553
850
50
363
l
l
l
l
0071.3261.xx
320
420
20
10000
6500
385
453
553
850
100
816
l
l
l
l
0071.3281.xx
320
420
25
13000
9000
430
453
553
850
100
1483
l
l
0071.3291.xx
360
470
10
3500
2500
97
522
638
960
25
154
l
l
l
l
0071.3641.xx
360
470
14
6000
4500
205
522
638
960
50
313
l
l
l
l
0071.3661.xx
360
470
20
10000
6500
410
522
638
960
100
704
l
l
l
l
0071.3681.xx
360
470
25
13000
9000
440
522
638
960
100
1278
l
l
0071.3691.xx
1)UL1449-TransientVoltageSurgeSuppressors-Component
2)UL1414-Across-the-lineCapacitors,Antenna-couplingandLine-bypassComponents


Similar Part No. - 0071.1211.T2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.1211.xx SCHURTER-0071.1211.xx Datasheet
1Mb / 8P
   123-360VAC 800-13000A 5-25MM
More results

Similar Description - 0071.1211.T2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0070.1111.A2 SCHURTER-0070.1111.A2 Datasheet
933Kb / 7P
   11 - 95 VAC 쨌 250 - 10000 A 쨌 5 - 20 mm
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
UMF250 SCHURTER-UMF250 Datasheet
472Kb / 2P
   IEC 60127-4 쨌 250 VAC 쨌 125 VDC 쨌 Quick-Acting F
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
logo
TOKYO SEIMITSU CO., LTD
DM44026 ACCRETECH-DM44026 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
   SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor 쨌 M8 thread
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com