Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0071.2781.xx Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0071.2781.xx
Description  123-360VAC 800-13000A 5-25MM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0071.2781.xx Datasheet(HTML) 3 Page - Schurter Inc.

  0071.2781.xx Datasheet HTML 1Page - Schurter Inc. 0071.2781.xx Datasheet HTML 2Page - Schurter Inc. 0071.2781.xx Datasheet HTML 3Page - Schurter Inc. 0071.2781.xx Datasheet HTML 4Page - Schurter Inc. 0071.2781.xx Datasheet HTML 5Page - Schurter Inc. 0071.2781.xx Datasheet HTML 6Page - Schurter Inc. 0071.2781.xx Datasheet HTML 7Page - Schurter Inc. 0071.2781.xx Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Varistors
AVTP
www.schurter.com/pg03
Fuses
Rated
Voltage
Disc size A max
B max
C
D
E
F
G
Order Number
[VAC]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
320
25
27.9
31.8
10
1
5.8
2.6
10.3
0071.3291.xx
360
10
12
15
7.5
0.8
5.8
2.7
8.0
0071.3641.xx
360
14
15.5
19
7.5
0.8
5.9
2.7
8.0
0071.3661.xx
360
20
21.5
26
10
1
6.3
2.8
10.4
0071.3681.xx
360
25
27.9
31.8
10
1
6.3
2.8
10.4
0071.3691.xx
Electricalparameterscanbefoundinthetableofvariantsbelow.
Temperature Derating Curves
Rated Voltage, Peak Current, Energy Absorption
0
10
20
30
40
50
60
70
80
90
100
110
-50
-25
-0
25
50
75
100
125
150
Ambient Temperature [°C]
Variants
Rated
Voltage
Rated
Voltage
Disc
size
Peak
Current,
8/0 µs,
 Pulse
Peak
Current,
8/0 µs,
 Pulses
Energy,
0/000 µs
Min. Vol-
tage @ 
mA DC
Max. Vol-
tage @ 
mA DC
Max.
Clamping
Voltage
Peak
Current,
8/0 µs,
Clamping
Typ. Capa-
city @  kHz
Order Number
[VAC]
[VDC]
[mm]
[A]
[A]
[J]
[V]
[V]
[V]
[A]
[pF]
)
)
120
160
5
800
600
8
170
207
310
5
118
l
0071.1211.xx
120
160
7
1750
1250
16
170
207
320
10
225
l
l
0071.1221.xx
120
160
10
3500
2500
33
170
207
320
25
469
l
l
0071.1241.xx
120
160
14
6000
5000
52
170
207
320
50
1019
l
l
0071.1261.xx
120
160
20
10000
7000
130
170
207
320
100
2331
l
l
0071.1281.xx
130
175
5
800
600
8.5
184
224
350
5
116
l
l
l
0071.1311.xx
130
175
7
1750
1250
17.5
184
224
340
10
250
l
l
l
l
0071.1321.xx
130
175
10
3500
2500
45
184
224
340
25
438
l
l
l
l
0071.1341.xx
130
175
14
6500
5000
70
184
224
340
50
890
l
l
l
l
0071.1361.xx
130
175
20
12000
9000
150
184
224
340
100
2001
l
l
l
l
0071.1381.xx
130
175
25
18000
13000
170
184
224
340
100
3634
l
l
l
0071.1391.xx
140
180
5
800
600
9
198
242
380
5
111
l
l
0071.1411.xx
140
180
7
1750
1250
20
198
242
360
10
232
l
l
l
l
0071.1421.xx
140
180
10
3500
2500
50
198
242
360
25
407
l
l
l
l
0071.1441.xx
140
180
14
6500
5000
78
198
242
360
50
825
l
l
l
l
0071.1461.xx
140
180
20
12000
9000
160
198
242
360
100
1855
l
l
l
l
0071.1481.xx
140
180
25
18000
13000
180
198
242
360
100
3370
l
l
0071.1491.xx
150
200
5
800
600
10.5
212
259
430
5
101
l
l
0071.1511.xx
150
200
7
1750
1250
21
212
259
395
10
212
l
l
l
l
0071.1521.xx
150
200
10
3500
2500
55
212
259
395
25
373
l
l
l
l
0071.1541.xx
150
200
14
6500
5000
84
212
259
395
50
756
l
l
l
l
0071.1561.xx
150
200
20
12000
9000
170
212
259
395
100
1701
l
l
l
l
0071.1581.xx
150
200
25
18000
13000
190
212
259
395
100
3089
l
l
0071.1591.xx
180
230
5
800
600
11
255
311
510
5
87
l
l
0071.1811.xx
180
230
7
1750
1250
24
255
311
445
10
182
l
l
l
l
0071.1821.xx
180
230
10
3500
2500
60
255
311
465
25
319
l
l
l
l
0071.1841.xx
180
230
14
6000
5000
100
255
311
465
50
648
l
l
l
l
0071.1861.xx


Similar Part No. - 0071.2781.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.2781.A2 SCHURTER-0071.2781.A2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.2781.B1 SCHURTER-0071.2781.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.2781.T2 SCHURTER-0071.2781.T2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
More results

Similar Description - 0071.2781.xx

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
logo
SHENZHEN YONGERJIA INDU...
1N6263W WINNERJOIN-1N6263W_15 Datasheet
96Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
SP.1615.25.4.A.02 TAOGLAS-SP.1615.25.4.A.02 Datasheet
873Kb / 16P
   Globalstar 25mm 1615Mhz
logo
SHENZHEN YONGERJIA INDU...
1N5711W WINNERJOIN-1N5711W_15 Datasheet
95Kb / 2P
   SOD-123
BAV16W WINNERJOIN-BAV16W_15 Datasheet
164Kb / 2P
   SOD-123
BAV19W WINNERJOIN-BAV19W_15 Datasheet
115Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
AP.25E.07.0054A TAOGLAS-AP.25E.07.0054A_17 Datasheet
839Kb / 10P
   25mm One Stage GPS
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W_15 Datasheet
102Kb / 2P
   SOD-123
logo
BetLux Electronics
TLS-CTR-RGB BETLUX-TLS-CTR-RGB Datasheet
55Kb / 2P
   105*65*25mm dimension
logo
Taoglas antenna solutio...
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
   25mm Two Stage GPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com