Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0070.4081.A2 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 0070.4081.A2
Description  11 - 95 VAC250 - 10000 A 쨌 5 - 20 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0070.4081.A2 Datasheet(HTML) 6 Page - Schurter Inc.

  0070.4081.A2 Datasheet HTML 1Page - Schurter Inc. 0070.4081.A2 Datasheet HTML 2Page - Schurter Inc. 0070.4081.A2 Datasheet HTML 3Page - Schurter Inc. 0070.4081.A2 Datasheet HTML 4Page - Schurter Inc. 0070.4081.A2 Datasheet HTML 5Page - Schurter Inc. 0070.4081.A2 Datasheet HTML 6Page - Schurter Inc. 0070.4081.A2 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image

Varistors
AVTS
www.schurter.com/pg03
Fuses
Disc Size: 10 mm
100
10
500
10-6
10-5
10-4
10-3
10-2
0070.9541.xx
0070.7541.xx
0070.6041.xx
0070.5041.xx
0070.4041.xx
0070.3541.xx
0070.3041.xx
0070.2541.xx
0070.2041.xx
0070.1741.xx
0070.1441.xx
0070.1141.xx
Leakage Current DC [A]
Disc Size: 10 mm
100
10
500
100
101
102
103
104
0070.4041.xx
0070.3541.xx
0070.3041.xx
0070.2541.xx
0070.2041.xx
0070.1741.xx
0070.1441.xx
0070.1141.xx
0070.9541.xx
0070.7541.xx
0070.6041.xx
0070.5041.xx
Peak Current (8/20 µs) [A]
Disc Size: 14 mm
100
10
500
10-6
10-5
10-4
10-3
10-2
0070.9561.xx
0070.7561.xx
0070.6061.xx
0070.5061.xx
0070.4061.xx
0070.3561.xx
0070.3061.xx
0070.2561.xx
0070.2061.xx
0070.1761.xx
0070.1461.xx
0070.1161.xx
Leakage Current DC [A]
Disc Size: 14 mm
100
10
500
100
101
102
103
104
0070.4061.xx
0070.3561.xx
0070.3061.xx
0070.2561.xx
0070.2061.xx
0070.1761.xx
0070.1461.xx
0070.1161.xx
0070.9561.xx
0070.7561.xx
0070.6061.xx
0070.5061.xx
Peak Current (8/20 µs) [A]


Similar Part No. - 0070.4081.A2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
007095-000 MACOM-007095-000 Datasheet
303Kb / 4P
   TINEL - LOCK ADAPTER
More results

Similar Description - 0070.4081.A2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.1221.B1 SCHURTER-0071.1221.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
UMF250 SCHURTER-UMF250 Datasheet
472Kb / 2P
   IEC 60127-4 쨌 250 VAC 쨌 125 VDC 쨌 Quick-Acting F
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
logo
TOKYO SEIMITSU CO., LTD
DM44026 ACCRETECH-DM44026 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
   SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor 쨌 M8 thread
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com