Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0071.3281.xx Datasheet(PDF) 7 Page - Schurter Inc.

Part # 0071.3281.xx
Description  123-360VAC 800-13000A 5-25MM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0071.3281.xx Datasheet(HTML) 7 Page - Schurter Inc.

  0071.3281.xx Datasheet HTML 1Page - Schurter Inc. 0071.3281.xx Datasheet HTML 2Page - Schurter Inc. 0071.3281.xx Datasheet HTML 3Page - Schurter Inc. 0071.3281.xx Datasheet HTML 4Page - Schurter Inc. 0071.3281.xx Datasheet HTML 5Page - Schurter Inc. 0071.3281.xx Datasheet HTML 6Page - Schurter Inc. 0071.3281.xx Datasheet HTML 7Page - Schurter Inc. 0071.3281.xx Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image

Varistors
AVTP
www.schurter.com/pg03
Fuses
Disc Size: 14 mm
1000
100
5000
10-6
10-5
10-4
10-3
10-2
0071.3661.xx
0071.3261.xx
0071.3061.xx
0071.2761.xx
0071.2561.xx
0071.2361.xx
0071.1861.xx
0071.1561.xx
0071.1461.xx
0071.1361.xx
0071.1261.xx
Leakage Current DC [A]
Disc Size: 14 mm
100
101
102
103
104
1000
100
5000
0071.3661.xx
0071.3261.xx
0071.3061.xx
0071.2761.xx
0071.2561.xx
0071.2361.xx
0071.1861.xx
0071.1561.xx
0071.1461.xx
0071.1361.xx
0071.1261.xx
50
Peak Current (8/20 µs) [A]
Disc Size: 20 mm
1000
100
5000
10-6
10-5
10-4
10-3
10-2
0071.3681.xx
0071.3281.xx
0071.3081.xx
0071.2781.xx
0071.2581.xx
0071.2381.xx
0071.1881.xx
0071.1581.xx
0071.1481.xx
0071.1381.xx
0071.1281.xx
Leakage Current DC [A]
Disc Size: 20 mm Varistor
100
101
102
103
104
1000
100
5000
0071.3681.xx
0071.3281.xx
0071.3081.xx
0071.2781.xx
0071.2581.xx
0071.2381.xx
0071.1881.xx
0071.1581.xx
0071.1481.xx
0071.1381.xx
0071.1281.xx
100
Peak Current (8/20 µs) [A]


Similar Part No. - 0071.3281.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.3281.A2 SCHURTER-0071.3281.A2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.3281.B1 SCHURTER-0071.3281.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.3281.T2 SCHURTER-0071.3281.T2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
More results

Similar Description - 0071.3281.xx

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
logo
SHENZHEN YONGERJIA INDU...
1N6263W WINNERJOIN-1N6263W_15 Datasheet
96Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
SP.1615.25.4.A.02 TAOGLAS-SP.1615.25.4.A.02 Datasheet
873Kb / 16P
   Globalstar 25mm 1615Mhz
logo
SHENZHEN YONGERJIA INDU...
1N5711W WINNERJOIN-1N5711W_15 Datasheet
95Kb / 2P
   SOD-123
BAV16W WINNERJOIN-BAV16W_15 Datasheet
164Kb / 2P
   SOD-123
BAV19W WINNERJOIN-BAV19W_15 Datasheet
115Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
AP.25E.07.0054A TAOGLAS-AP.25E.07.0054A_17 Datasheet
839Kb / 10P
   25mm One Stage GPS
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W_15 Datasheet
102Kb / 2P
   SOD-123
logo
BetLux Electronics
TLS-CTR-RGB BETLUX-TLS-CTR-RGB Datasheet
55Kb / 2P
   105*65*25mm dimension
logo
Taoglas antenna solutio...
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
   25mm Two Stage GPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com