Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0071.1521.A2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0071.1521.A2
Description  120 - 360 VAC800 - 13000 A 쨌 5 - 25 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0071.1521.A2 Datasheet(HTML) 2 Page - Schurter Inc.

  0071.1521.A2 Datasheet HTML 1Page - Schurter Inc. 0071.1521.A2 Datasheet HTML 2Page - Schurter Inc. 0071.1521.A2 Datasheet HTML 3Page - Schurter Inc. 0071.1521.A2 Datasheet HTML 4Page - Schurter Inc. 0071.1521.A2 Datasheet HTML 5Page - Schurter Inc. 0071.1521.A2 Datasheet HTML 6Page - Schurter Inc. 0071.1521.A2 Datasheet HTML 7Page - Schurter Inc. 0071.1521.A2 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

Varistors
AVTP
www.schurter.com/pg03
Fuses
Dimensions
Rated
Voltage
Disc size A max
B max
C
D
E
F
G
Order Number
[VAC]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
120
5
7
8.5
5
0.6
3.6
1.5
5.2
0071.1211.xx
120
7
9
11
5
0.6
3.6
1.5
5.2
0071.1221.xx
120
10
12
14.5
7.5
0.8
4.2
1.6
7.7
0071.1241.xx
120
14
15.5
18.5
7.5
0.8
4.2
1.6
7.7
0071.1261.xx
120
20
21.5
25.5
10
1
4.6
1.8
10.2
0071.1281.xx
130
5
7
8.5
5
0.6
3.6
1.6
5.2
0071.1311.xx
130
7
9
11
5
0.6
3.6
1.6
5.2
0071.1321.xx
130
10
12
14.5
7.5
0.8
4.2
1.8
7.7
0071.1341.xx
130
14
15.5
18.5
7.5
0.8
4.2
1.9
7.7
0071.1361.xx
130
20
21.5
25.5
10
1
4.7
2
10.2
0071.1381.xx
130
25
27.9
31.8
10
1
4.7
2
10.2
0071.1391.xx
140
5
7
8.5
5
0.6
3.7
1.7
5.3
0071.1411.xx
140
7
9
11
5
0.6
3.7
1.7
5.3
0071.1421.xx
140
10
12
14.5
7.5
0.8
4.3
1.9
7.7
0071.1441.xx
140
14
15.5
18.5
7.5
0.8
4.3
2
7.8
0071.1461.xx
140
20
21.5
25.5
10
1
4.8
2.1
10.2
0071.1481.xx
140
25
27.9
31.8
10
1
4.8
2.1
10.2
0071.1491.xx
150
5
7
8.5
5
0.6
3.8
1.8
5.3
0071.1511.xx
150
7
9
11
5
0.6
3.8
1.8
5.3
0071.1521.xx
150
10
12
14.5
7.5
0.8
4.4
2
7.8
0071.1541.xx
150
14
15.5
18.5
7.5
0.8
4.4
2.1
7.8
0071.1561.xx
150
20
21.5
25.5
10
1
4.9
2.2
10.2
0071.1581.xx
150
25
27.9
31.8
10
1
4.9
2.2
10.2
0071.1591.xx
180
5
7
8.5
5
0.6
3.9
2
5.4
0071.1811.xx
180
7
9
11
5
0.6
4
2
5.4
0071.1821.xx
180
10
12
14.5
7.5
0.8
4.6
2.2
7.8
0071.1841.xx
180
14
15.5
18.5
7.5
0.8
4.6
2.2
7.8
0071.1861.xx
180
20
21.5
25.5
10
1
5
2.3
10.3
0071.1881.xx
230
5
7
8.5
5
0.6
4
1.8
5.3
0071.2311.xx
230
7
9
11
5
0.6
4
1.8
5.3
0071.2321.xx
230
10
12
14.5
7.5
0.8
4.7
2
7.8
0071.2341.xx
230
14
15.5
18.5
7.5
0.8
4.7
2
7.8
0071.2361.xx
230
20
21.5
25.5
10
1
5.1
2.1
10.2
0071.2381.xx
250
5
7
8.5
5
0.6
4.2
1.8
5.3
0071.2511.xx
250
7
9
11
5
0.6
4.2
1.8
5.3
0071.2521.xx
250
10
12
14.5
7.5
0.8
4.8
2
7.8
0071.2541.xx
250
14
15.5
18.5
7.5
0.8
4.8
2
7.8
0071.2561.xx
250
20
21.5
25.5
10
1
5.3
2.2
10.2
0071.2581.xx
250
25
27.9
31.8
10
1
5.3
2.2
10.2
0071.2591.xx
270
5
7
8.5
5
0.6
4.3
2
5.4
0071.2711.xx
270
7
9
11
5
0.6
4.4
2
5.4
0071.2721.xx
270
10
12
14.5
7.5
0.8
4.4
2.2
7.8
0071.2741.xx
270
14
15.5
18.5
7.5
0.8
5
2.2
7.8
0071.2761.xx
270
20
21.5
25.5
10
1
5.4
2.3
10.3
0071.2781.xx
270
25
27.9
31.8
10
1
5.4
2.3
10.3
0071.2791.xx
300
5
7
8.5
5
0.6
4.5
2.1
5.4
0071.3011.xx
300
7
9
11
5
0.6
4.5
2.1
5.4
0071.3021.xx
300
10
12
14.5
7.5
0.8
5.1
2.3
7.8
0071.3041.xx
300
14
15.5
18.5
7.5
0.8
5.2
2.3
7.8
0071.3061.xx
300
20
21.5
25.5
10
1
5.6
2.4
10.3
0071.3081.xx
300
25
27.9
31.8
10
1
5.6
2.4
10.3
0071.3091.xx
320
10
12
14.5
7.5
0.8
5.4
2.4
7.9
0071.3241.xx
320
14
15.5
18.5
7.5
0.8
5.4
2.4
7.9
0071.3261.xx
320
20
21.5
25.5
10
1
5.8
2.6
10.3
0071.3281.xx


Similar Part No. - 0071.1521.A2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.1521.xx SCHURTER-0071.1521.xx Datasheet
1Mb / 8P
   123-360VAC 800-13000A 5-25MM
More results

Similar Description - 0071.1521.A2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0070.1111.A2 SCHURTER-0070.1111.A2 Datasheet
933Kb / 7P
   11 - 95 VAC 쨌 250 - 10000 A 쨌 5 - 20 mm
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
UMF250 SCHURTER-UMF250 Datasheet
472Kb / 2P
   IEC 60127-4 쨌 250 VAC 쨌 125 VDC 쨌 Quick-Acting F
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
logo
TOKYO SEIMITSU CO., LTD
DM44026 ACCRETECH-DM44026 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
   SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor 쨌 M8 thread
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com