Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0072.4841.B1 Datasheet(PDF) 8 Page - Schurter Inc.

Part # 0072.4841.B1
Description  120 - 360 VAC800 - 13000 A 쨌 5 - 25 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0072.4841.B1 Datasheet(HTML) 8 Page - Schurter Inc.

  0072.4841.B1 Datasheet HTML 1Page - Schurter Inc. 0072.4841.B1 Datasheet HTML 2Page - Schurter Inc. 0072.4841.B1 Datasheet HTML 3Page - Schurter Inc. 0072.4841.B1 Datasheet HTML 4Page - Schurter Inc. 0072.4841.B1 Datasheet HTML 5Page - Schurter Inc. 0072.4841.B1 Datasheet HTML 6Page - Schurter Inc. 0072.4841.B1 Datasheet HTML 7Page - Schurter Inc. 0072.4841.B1 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Varistors
AVTP
www.schurter.com/pg03
Fuses
Disc Size: 25 mm
1000
100
5000
10-6
10-5
10-4
10-3
10-2
0071.3691.xx
0071.3291.xx
0071.3091.xx
0071.2791.xx
0071.2591.xx
0071.1591.xx
0071.1491.xx
0071.1391.xx
Leakage Current DC [A]
Disc Size: 25 mm
100
101
102
103
104
1000
100
5000
100
0071.2591.xx
0071.1591.xx
0071.1491.xx
0071.1391.xx
0071.3691.xx
0071.3291.xx
0071.3091.xx
0071.2791.xx
Peak Current (8/20 µs) [A]
Pulse Derating Curves
Derating at Quantity of Pulses and Pulse Duration
1, 10, ... = Quantity of Pulses
1
10
0.1
0.01
100
10
1000
100
20
10’000
1
10
102
103
104
105
106
Pulse Duration [µs]
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0072.4841.B1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
00720000 LITTELFUSE-00720000 Datasheet
323Kb / 2P
   The mechanical switches signal many different situations that may occur on commercial vehiches: power takeoff signal light, Idle and reverse gear signal light, Inserted fifth gear signal light, etc
00720100 LITTELFUSE-00720100 Datasheet
323Kb / 2P
   The mechanical switches signal many different situations that may occur on commercial vehiches: power takeoff signal light, Idle and reverse gear signal light, Inserted fifth gear signal light, etc
00720200 LITTELFUSE-00720200 Datasheet
323Kb / 2P
   The mechanical switches signal many different situations that may occur on commercial vehiches: power takeoff signal light, Idle and reverse gear signal light, Inserted fifth gear signal light, etc
logo
Tyco Electronics
007237-000 MACOM-007237-000 Datasheet
79Kb / 3P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED
007281-000 MACOM-007281-000 Datasheet
79Kb / 3P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED
More results

Similar Description - 0072.4841.B1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0070.1111.A2 SCHURTER-0070.1111.A2 Datasheet
933Kb / 7P
   11 - 95 VAC 쨌 250 - 10000 A 쨌 5 - 20 mm
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
UMF250 SCHURTER-UMF250 Datasheet
472Kb / 2P
   IEC 60127-4 쨌 250 VAC 쨌 125 VDC 쨌 Quick-Acting F
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
logo
TOKYO SEIMITSU CO., LTD
DM44026 ACCRETECH-DM44026 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
   SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor 쨌 M8 thread
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com