Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W51-127-9609A9A Datasheet(PDF) 2 Page - ITT Industries

Part # W51-127-9609A9A
Description  Cannon 75 Ohm Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

W51-127-9609A9A Datasheet(HTML) 2 Page - ITT Industries

  W51-127-9609A9A Datasheet HTML 1Page - ITT Industries W51-127-9609A9A Datasheet HTML 2Page - ITT Industries W51-127-9609A9A Datasheet HTML 3Page - ITT Industries W51-127-9609A9A Datasheet HTML 4Page - ITT Industries W51-127-9609A9A Datasheet HTML 5Page - ITT Industries W51-127-9609A9A Datasheet HTML 6Page - ITT Industries W51-127-9609A9A Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Cannon 75 Ohm Connectors
Type 43 (SMZ)
6
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
SMZ
ELECTRICAL
Impedance
75
nominal
Frequency Range
0 to 3.0 GHz (some styles limited to 1.0GHz)
Working Voltage (dc or ac peak) At sea level, inner conductor to shell = 500 V
Proof Voltage (dc or ac peak)
At sea level = 1500 V
Insulation Resistance
5 G
minimum
Contact Resistance*
Center contact: 5.0m
maximum. Outer contact: 1.0m
maximum
Reflection Coefficient
Refer to CECC122300
Current Rating
1.5 A dc maximum
MECHANICAL
Engagement Forces
All snap-on, Screw-Lock & Posi-Lock styles except U Links = 60 N (13.5 lbs.) maximum
U Links (reduced force snap-on) = 40 N (9 lbs.) maximum
Separation Forces
All snap-on, Screw-Lock & Posi-Lock styles except U Links = 60 N (13.5 lbs.) max,
8 N (1.8 lbs.) min.
U Links (reduced force snap-on) = 40 N (9 lbs.) maximum, 20 N (4.5 lbs.) minimum
Posi-Lock Latch withstand Pull
220 N (50 lbs.)
Contact and Insulator Retention 21 N (4.7 lbs.)
Materials
Body components: Copper or zinc alloy. Center contacts (male/female): Copper alloy.
Insulators: PTFE or thermoset plastic. Crimp ferrules: Annealed copper alloy
Finish/Plating
Center contacts: Gold. Outer contacts: Gold. Other metal parts: Nickel, tin or zinc
ENVIRONMENTAL
Vibration Severity
(a) Frequency range: 10 Hz to 500 Hz. (b) Displacement**: 0,75 (.029). (c) Acceleration**:
2
98 m/s (321 ft./s
2
). (d) Duration: 6 hours. ** Cross over at approx. 60 Hz
Shock Severity
490 m/s
2 for 11 ms
Impact Severity (free specimens only) 5 impacts at 1m
Climatic Catagory
40/100/21
Bump
4000 total at 390 m/s
2
Free Fall (U Link only)
BS2011: Part 2.1 Ed. Procedure 2. Severity: 50 falls
GENERAL
Connector Durability
250 matings minimum
*Except U Link connectors. See BS9210 F0022 for details.
NOTES
1)
Values in this specification are typical for this range. Specific connectors may vary.
2)
Cannon 75 ohm coaxial connnectors are designed to meet or exceed the requirements of BS9210F0022 where applicable. This
specification may be superseded by CECC122 300 and the details listed above are subject to change without notice to comply
with changes in these specifications.
JACK
PLUG
Specifications
PLUG
SOCKET
Please note that the description of the 2 halves follow the UK telecom format. In other regions a plug may be called a
jack, and a socket may be called a plug. Please take care when choosing your connectors.
Mating Interfaces


Similar Part No. - W51-127-9609A9A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5100 PULSE-W5100 Datasheet
1Mb / 9P
   On-ground BLE/NFC combo
logo
WIZnet Co., Ltd
W5100 WIZNET-W5100 Datasheet
1Mb / 72P
   Single-chip Internet-enabled 10/100 Ethernet Controller
logo
Bourns Electronic Solut...
W51000J BOURNS-W51000J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
   embedded Ethernet controller
logo
Pulse A Technitrol Comp...
W5101 PULSE-W5101 Datasheet
1Mb / 9P
   On-ground BLE/NFC combo
More results

Similar Description - W51-127-9609A9A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com