Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

055-181-9129AZ0 Datasheet(PDF) 5 Page - ITT Industries

Part # 055-181-9129AZ0
Description  Cannon 75 Ohm Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

055-181-9129AZ0 Datasheet(HTML) 5 Page - ITT Industries

  055-181-9129AZ0 Datasheet HTML 1Page - ITT Industries 055-181-9129AZ0 Datasheet HTML 2Page - ITT Industries 055-181-9129AZ0 Datasheet HTML 3Page - ITT Industries 055-181-9129AZ0 Datasheet HTML 4Page - ITT Industries 055-181-9129AZ0 Datasheet HTML 5Page - ITT Industries 055-181-9129AZ0 Datasheet HTML 6Page - ITT Industries 055-181-9129AZ0 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Cannon 75 Ohm Connectors
Type 43 (SMZ)
9
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Straight Screw-lock PCB Plug
Part Number
051-151-9029A9A
Straight Bulkhead PCB Plug
Part Number
051-151-9079A9A
A0023384 Panel Mounting Hardware kit
(Washer and Lock Nut)
Right Angle PCB Plug
Part Number
051-153-9089A9A
Plug 43/1E
Right Angle Bulkhead PCB Plug
with board retaining legs
Part Number
051-153-9119EAA
B0023382 Panel Mounting Hardware Kit
(Spacer, Washer, Lock Washer, Lock Nut)
HOLE PATTERN.
5/16-32 UNEF-2A THD
5,08
(0.200)
9.53 HEX
(0.375)
3.93
(0.155)
8.38
(0.330)
13.46
(0.530)
ø 1,17 +0,18
0
(0.046)
+0.007
-0.000
5,08
(0.200)
HOLE PATTERN.
ø 1,17
+0,18
0
(0.046)
+0.007
-0.000
11,75
(0.463)
15,75
(0.620)
ø 0,97
(0.038)
5,08
(0.200)
SQ.
4 PLCS.
1,02
(0.040)
5,08
(0.200)
HOLE PATTERN.
5/16 - 32UNEF-2A
22,21
(0.874)
18,24
(0.718)
12,50
(0.492)
2,39
(0.094)
ø 0,97
(0.038)
SQ.
4 PLACES.
1,02
(0.040)
5,08
(0.200)
3,10
(0.122)
HOLE PATTERN
5/16 - 32UNEF-2A
25,86
(1.018)
13,64
(0.537)
8,94
(0.352)
4 PLACES.
1,02
(0.040)
5,56
(0.219)
5,08
(0.200)


Similar Part No. - 055-181-9129AZ0

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
055-184 DSE-055-184 Datasheet
644Kb / 2P
   ANALOGUE OUTPUT EXPANSION MODULE
055-184 DSE-055-184 Datasheet
299Kb / 1P
   SCADA SUITE PC SOFTWARE
055-185 DSE-055-185 Datasheet
644Kb / 2P
   ANALOGUE OUTPUT EXPANSION MODULE
055-185 DSE-055-185 Datasheet
299Kb / 1P
   SCADA SUITE PC SOFTWARE
More results

Similar Description - 055-181-9129AZ0

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com