Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

051-128-923991A Datasheet(PDF) 1 Page - ITT Industries

Part # 051-128-923991A
Description  Cannon 75 Ohm Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

051-128-923991A Datasheet(HTML) 1 Page - ITT Industries

  051-128-923991A Datasheet HTML 1Page - ITT Industries 051-128-923991A Datasheet HTML 2Page - ITT Industries 051-128-923991A Datasheet HTML 3Page - ITT Industries 051-128-923991A Datasheet HTML 4Page - ITT Industries 051-128-923991A Datasheet HTML 5Page - ITT Industries 051-128-923991A Datasheet HTML 6Page - ITT Industries 051-128-923991A Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Cannon 75 Ohm Connectors
Type 43 (SMZ)
5
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
ITT’s wide range of Cannon Type 43 / SMZ connectors are exten-
sively used in 75 ohm communication systems and have become
the recognized standard in telecommunications in many parts of the
world.
Designed around the requirements of BS9210 F0022 and draft
specifications CECC 122 300, these connectors are designed for
field installation and feature the ‘Posi-Lock’ latch to prevent acci-
dental disconnection.
A special feature of the Cannon Type 43 / SMZ range is the QT
(Quick Termination) technology for cable connectors. Designed to
reduce assembly time and loose parts, the QT termination system
incorporates a connector body with a pre-assembled center contact,
termination is simple with no loose contact to drop or lose. QT pro-
vides a reliable gas tight connection between the inner conductor of
the cable and connector contact that meets the most stringent
industry standards. For PCB connectors a snap fit feature is incor-
porated into certain styles to hold the connector in position during
soldering.
Choice of Two Latching Styles – Standard or HDC (High Density)
ITT’s Cannon Type 43 / SMZ connectors are available in 2 package sizes, Standard and HDC (High Density).
Whilst both configurations have the same interface dimensions and are intermateable, the outer body size of
HDC is reduced to facilitate a closer packing density on the equipment or distribution frame.
Features and Benefits
High performance gold plated
contact areas ensure reliable long
term operation
Posi-Lock locking mechanisms
ensure secure coupling and ease
of engagement and separation
Designed for the most commonly
used telecom cables in North
America and Europe
Designed for robust and reliable
field installation
Available for BT standard and HDC
distribution frames
Three-part construction with crimp
inner contact and outer ferrule (no
soldering required)
PCB Plugs come with offset legs
for board locking
QT (Quick termination) technology
available for most cable types
Product offering includes U-links
and between series adaptors
True 75 ohm characteristic imped-
ance up to 3 GHz (for selected
styles)
Most designs require no special
tooling
"Teplock" mounting reduces the
time needed for fitting to DDF's
RoHS compliant part numbers
Applications
• Switching Equipment • DSX Cross Connects • Base Stations • Routers • Wireless • Telecom • LAN Equipment


Similar Part No. - 051-128-923991A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051-124-3187 ITT-051-124-3187 Datasheet
489Kb / 42P
   RF Coaxial Connectors
051-124-9309 ITT-051-124-9309 Datasheet
489Kb / 42P
   RF Coaxial Connectors
051-127-3187 ITT-051-127-3187 Datasheet
489Kb / 42P
   RF Coaxial Connectors
051-127-9309 ITT-051-127-9309 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 051-128-923991A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com