Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP486E Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP486E
Description  Enhanced Quad RS-485/RS-422 Line Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486E Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP486E Datasheet HTML 2Page - Sipex Corporation SP486E Datasheet HTML 3Page - Sipex Corporation SP486E Datasheet HTML 4Page - Sipex Corporation SP486E Datasheet HTML 5Page - Sipex Corporation SP486E Datasheet HTML 6Page - Sipex Corporation SP486E Datasheet HTML 7Page - Sipex Corporation SP486E Datasheet HTML 8Page - Sipex Corporation SP486E Datasheet HTML 9Page - Sipex Corporation SP486E Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
SP486E/487EDS/06
SP486E/487E Enhanced Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
3V
0V
5V
VOH
0V
VO
Output normally low
F = 1MHZ: tr < 10ns: tf < 10ns
tZL
tLZ
EN
VOL
1.5V
1.5V
2.3V
A, B
0.5V
tZH
2.3V
0.5V
tHZ
Output normally high
Figure 5. Driver Enable/Disable Timing
R
RC
C
C
CS
S
R
RS
S
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
Figure 6. ESD Test Circuit for Human Body Model
R
RS
S and
and R
RV
V add up to 330
add up to 330
Ω ffor IEC1000-4-2.
or IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
Contact-Discharge Module
R
RVV
R
RC
C
C
CSS
R
RSS
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
Figure 7. ESD Test Circuit for IEC1000-4-2
V
CC


Similar Part No. - SP486E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
SP486ECP SIPEX-SP486ECP Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
SP486ECT SIPEX-SP486ECT Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
SP486EEP SIPEX-SP486EEP Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
SP486EET SIPEX-SP486EET Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP486E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
logo
Sipex Corporation
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
   Enhanced Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
   Enhanced Quad RS-485/RS-422 Line Receivers
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com