Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP488A Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP488A
Description  High Speed Quad RS-485/RS-422 Line Receivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP488A Datasheet(HTML) 2 Page - Sipex Corporation

  SP488A Datasheet HTML 1Page - Sipex Corporation SP488A Datasheet HTML 2Page - Sipex Corporation SP488A Datasheet HTML 3Page - Sipex Corporation SP488A Datasheet HTML 4Page - Sipex Corporation SP488A Datasheet HTML 5Page - Sipex Corporation SP488A Datasheet HTML 6Page - Sipex Corporation SP488A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SP488A/489ADS/07
SP488A/489A High Speed Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
CC ............................................................................................ +7V
Input Voltages
Logic ............................................................. –0.5V to (V
CC +0.5V)
Receiver ...............................................................................
±14V
Receiver Output Voltage ................................. –0.5V to (V
CC +0.5V)
Input Currents
Logic ..................................................................................
±25mA
Storage Temperature ............................................ –65
°C to +150°C
Power Dissipation
Plastic DIP ........................................................................ 375mW
(derate 7mW/
°C above +70°C)
Small Outline .................................................................... 375mW
(derate 7mW/
°C above +70°C)
Lead Temperature (soldering, 10 sec) ................................... 300
°C
SPECIFICATIONS
V
CC = 5V±5%; typicals at 25°C; TMIN ≤ TA ≤ TMAX unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DC CHARACTERISTICS
Digital Inputs
EN, EN, EN
1/EN2, EN3/EN4
Voltage
V
IL
0.8
Volts
V
IH
2.0
Volts
Input Current
±2
µA
0V
≤ V
IN
≤ V
CC
RECEIVER INPUTS
Input Resistance
12
kOhm
–7V
≤ V
CM ≤ 12V
Differential Input Threshold
-0.2
+0.2
Volts
–7V
≤ V
CM ≤ 12V
Input Current (A, B)
V
CC = 0V or 5.25V; IIN2
+1.0
mA
V
IN = +12V
-0.8
mA
V
IN = –7V
Maximum Data Rate
30
Mbps
RECEIVER OUTPUTS
Output Voltage
V
OH
3.5
V
I
O = –4mA; VID = +0.2V
V
OL
0.4
V
I
O = +4mA; VID = –0.2V
High Impedance Output Current
+1
µA
EN = O, EN = V
CC, EN1/EN2 = O,
EN
3/EN4 = O, 0.4V ≤ VO ≤ 2.4V
POWER REQUIREMENTS
Supply Voltage
4.75
5.25
Volts
Supply Current
TBD
mA
No load
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
–C
0
+70
°C
–E
-40
+85
°C
Storage Temperature
-65
+150
°C
Package
–_P
16–pin Plastic DIP
–_T
16–pin SOIC


Similar Part No. - SP488A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
SP488ACP SIPEX-SP488ACP Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
SP488ACT SIPEX-SP488ACT Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
SP488AEP SIPEX-SP488AEP Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
SP488AET SIPEX-SP488AET Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
More results

Similar Description - SP488A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
   Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
   Quad RS-485/RS-422 Line Receivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
   Enhanced Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
   Enhanced Quad RS-485/RS-422 Line Receivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com