Selected language     English  ▼


B-008-53 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. B-008-53
Description  SPECIFICATION CONTROL DRAWING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
307 Constitution Drive Menlo Park, CA 94025, USA
Wire and
Harnessing
Products
TITLE :
SOLDERSLEEVE DEVICE WITH
PRE-INSTALLED LEAD LOW TEMPERATURE
Unless otherwise specified dimensions are in millimeters.
Inches dimensions are in between brackets.
DOCUMENT NO.:
B-008-5X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
DCR NUMBER:
D020015
REPLACES:
D981682
DRAWN BY:
m. foronda
DATE:
4-Mar-02
PROD. REV.
SEE TABLE
DOC ISSUE:
4
SCALE:
None
SIZE:
A
SHEET:
1
of 1
If this document is printed it becomes uncontrolled. Check with the web for the latest revision.
Product Revision
Product Dimensions
Cable Dimensions
Part
Name
L
max
A
min
B
min
K
min
D
max
E
min
F
min
J
±1.00
(J
±0.040)
Color Code
(Item 3)
B-008-51
A
31.00
(1.220)
2.30
(0.091)
3.00
(0.118)
150
(5.900)
2.30
(0.091)
1.50
(0.060)
0.80
(0.032)
11.00
(0.433)
Red
B-008-52
A
36.00
(1.417)
4.30
(0.169)
5.10
(0.200)
150
(5.900)
4.30
(0.169)
2.10
(0.083)
1.20
(0.047)
11.00
(0.433)
Blue
B-008-53
A
42.00
(1.654)
6.80
(0.270)
7.30
(0.290)
150
(5.900)
6.80
(0.268)
3.40
(0.134)
2.50
(0.098)
11.00
(0.433)
Clear
MATERIAL
1. INSULATION SLEEVE: Heat-shrinkable, radiation cross-linked modified polyolefin. Transparent clear.
2. SOLDER PREFORM WITH FLUX:
SOLDER: TYPE Cd18 per ANSI J-STD-006.
FLUX:
TYPE ROM1 per ANSI J-STD-004.
3. MELTABLE RINGS: Thermally stabilized thermoplastic.
4. GROUND LEAD: RAYCHEM 44A0111-20 in accordance with MIL-W-81044/12 or better, AWG 20 stranded tin plated
copper. Color: white
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables rated for 105
°C minimum, meeting
the dimensional criteria listed and having bare copper or tin plated shields.
2. Temperature range: -55
°C to +125°C.
3. Install using Raychem-approved convection or infrared heating tools in accordance with Raychem installation procedure
RPIP-709-00.
For best results, prepare the cable as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl