Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ8.5A Datasheet(PDF) 4 Page - Frontier Electronics.

Part # 1.5SMCJ8.5A
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1.5SMCJ8.5A Datasheet(HTML) 4 Page - Frontier Electronics.

  1.5SMCJ8.5A Datasheet HTML 1Page - Frontier Electronics. 1.5SMCJ8.5A Datasheet HTML 2Page - Frontier Electronics. 1.5SMCJ8.5A Datasheet HTML 3Page - Frontier Electronics. 1.5SMCJ8.5A Datasheet HTML 4Page - Frontier Electronics. 1.5SMCJ8.5A Datasheet HTML 5Page - Frontier Electronics. 1.5SMCJ8.5A Datasheet HTML 6Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1. 5SMCJ5.0 THRU 1.5SMCJ188A
Page: 4
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
Ta, AMBIENT TEMPERATURE,
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
0.1US
1.0US
10US
100US
1.0MS
10MS
td, PULSE WIDTH, sec
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25℃
FIG. 3 - PULSE WAVEFORM
150
100
50
0
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
tr =10usec.
PEAK VALUE
IPPM
HALF VALUE
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
0
1.0
2.0
3.0
4.0
t, TIME,ms
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
10,000
1,000
100
10
UNIDIRECTIONAL
BIDIRECTIONAL
VR=0
VR=RATED
STAND-OFF
VOLTAGE
F=1 MHZ
Vsig=50mVp-p
TJ=25℃
td
FIG. 5 - STEADY STATE POWER DERATING CURVE
5.00
3.75
2.50
1.25
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,
60HZ
RESISTIVE OR
INDUCTIVE LOAD
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
200
100
10
1
10
100
NUMBER OF CYCLES AT 60HZ
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=Tjmax.
5
10
100
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
Ipp
2
0.31×0.31”(8.0×8.0mm)
COPPER PAD AREAS


Similar Part No. - 1.5SMCJ8.5A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ8.5A PANJIT-1.5SMCJ8.5A Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Diotec Semiconductor
1.5SMCJ8.5A DIOTEC-1.5SMCJ8.5A Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
logo
Won-Top Electronics
1.5SMCJ8.5A WTE-1.5SMCJ8.5A Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ8.5A DIOTEC-1.5SMCJ8.5A Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ8.5A DIOTEC-1.5SMCJ8.5A Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5SMCJ8.5A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com