Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1N4007-LFR
Description  1A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4007-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  1N4007-LFR Datasheet HTML 1Page - Frontier Electronics. 1N4007-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001-LFR THRU 1N4007-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001-LFR THRU 1N4007-LFR
FEATURES
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
DIFFUSED JUNCTION
LOW COST
HIGH SURGE CURRENT CAPABILITY
ROHS
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO41, DIMENSIONS IN INCHES AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.34 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT
BY 20%
RATINGS
SYMBOL
1N4001-LF
R
1N4002-LF
R
1N4003-LF
R
1N4004-LF
R
1N4005-LF
R
1N4006-LF
R
1N4007-LF
R
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375” (9.5mm) LEAD LENGTH AT TA=55 ºC
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
15
PF
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 175
ºC
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 175
ºC
ELECTRICAL CHARACTERISTICS (AT TA =25 ºC UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
1N4001-LF
R
1N4002-LF
R
1N4003-LF
R
1N4004-LF
R
1N4005-LF
R
1N4006-LF
R
1N4007-LF
R
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.1
V
MAXIMUM REVERSE CURRENT AT 25 ºC
IR
5
μA
NOTE
1. MEASURED AT 1MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS.
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)


Similar Part No. - 1N4007-LFR

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4007-13 DIOTEC-1N4007-13 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N4007-13 DIOTEC-1N4007-13 Datasheet
137Kb / 2P
   Standard Recovery Rectifier Diodes
1N4007-13 DIOTEC-1N4007-13 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
1N4007-13 DIOTEC-1N4007-13 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
1N4007-13 DIOTEC-1N4007-13 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - 1N4007-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4001S FRONTIER-1N4001S Datasheet
66Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513 FRONTIER-EM513 Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513-LFR FRONTIER-EM513-LFR Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001 FRONTIER-1N4001 Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4007 FRONTIER-1N4007 Datasheet
62Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
A005-LFR FRONTIER-A005-LFR Datasheet
131Kb / 2P
   1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Cystech Electonics Corp...
DI4005SH CYSTEKEC-DI4005SH Datasheet
238Kb / 6P
   1A General Purpose Rectifier
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com